Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089A Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TISP61089A
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP61089A Datasheet(HTML) 6 Page - Power Innovations Ltd

Back Button TISP61089A Datasheet HTML 2Page - Power Innovations Ltd TISP61089A Datasheet HTML 3Page - Power Innovations Ltd TISP61089A Datasheet HTML 4Page - Power Innovations Ltd TISP61089A Datasheet HTML 5Page - Power Innovations Ltd TISP61089A Datasheet HTML 6Page - Power Innovations Ltd TISP61089A Datasheet HTML 7Page - Power Innovations Ltd TISP61089A Datasheet HTML 8Page - Power Innovations Ltd TISP61089A Datasheet HTML 9Page - Power Innovations Ltd TISP61089A Datasheet HTML 10Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TISP61089A
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
6
JUNE 1999
P R OD U C T
INF O RMA T ION
operation of gated protectors
Figures 4. and 5. show how the TISP61089A limits negative and positive overvoltages. Positive overvoltages
(Figure 5) are clipped by the antiparallel diodes in the TISP61089A and the resulting current is diverted to
ground. Negative overvoltages (Figure 4.) are initially clipped close to the SLIC negative supply rail value
(VBAT). If sufficient current is available from the overvoltage, then the protector (Th5) will crowbar into a low
voltage on-state condition. As the overvoltage subsides the high holding current of the crowbar prevents d.c.
latchup. The protection voltage will be the sum of the gate supply (VBAT) and the peak gate-cathode voltage
(VGK(BO)). The protection voltage will be increased if there is a long connection between the gate decoupling
capacitor, C1, and the gate terminal. During the initial rise of a fast impulse, the gate current (IG) is the same
as the cathode current (IK). Rates of 70 A/µs can cause inductive voltages of 0.7 V in 2.5 cm of printed wiring
track. To minimise this inductive voltage increase of protection voltage, the length of the capacitor to gate
terminal tracking should be minimised. Inductive voltages in the protector cathode wiring will also increase the
protection voltage. These voltages can be minimised by routing the SLIC connection through the protector as
shown in Figure 3.
Figure 3. TISP61089A BUFFERED GATE PROTECTOR (SECTION 4.5.12 TESTING CONDITION)
Figure 4. NEGATIVE OVERVOLTAGE CONDITION
Figure 5. POSITIVE OVERVOLTAGE CONDITION
R1
50
RING
WIRE
TIP
WIRE
SLIC
TISP61089A
V
BAT
C1
220 nF
AI6XAGA
600
600
A.C.
GENERATOR
0 - 600 Vrms
SWITCHING MODE
POWER SUPPLY
GENERATOR
SOURCE
RESISTANCE
I
BAT
I
G
I
SLIC
C2
D1
Tx
R2
50
Th4
Th5
C1
220 nF
I
G
Th5
SLIC
V
BAT
SLIC
PROTECTOR
TISP
61089A
I
K
AI6XAHA
Th5
SLIC
V
BAT
SLIC
PROTECTOR
TISP
61089A
C1
220 nF
I
F
AI6XAIA


Similar Part No. - TISP61089A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
TISP61089ADR BOURNS-TISP61089ADR Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089ADR-S BOURNS-TISP61089ADR-S Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
More results

Similar Description - TISP61089A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com