Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3817PFV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB3817PFV
Description  Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3817PFV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB3817PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DS04-27216-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Power Supply Applications
BIPOLAR
Switching Regulator Controller
MB3817
s DESCRIPTION
The MB3817 is a pulse width modulator (PWM) type switching regulator controller IC designed for low-voltage
and high-speed operation. This can be used in applications as down-conversion or down/up-conversion (Zeta
method) .
With fewer external components and faster operating speed, the MB3817 enables reduction in power supply unit
size, making it ideal for use with internal power supplies in compact, high-performance portable devices.
s FEATURES
• Wide range of operating power supply voltages : 2.5 V to 18 V
• Built-in high-precision reference voltage generator : 1.5 V
± 2%
• High speed operation is possible : Max 500 kHz
• Wide input voltage range of error amplifier : 0 V to VCC
− 0.9 V
• Built-in soft start function
• Built-in timer/latch-actuated short-circuiting protection circuit
• Totem-pole type output with adjustable on/off current (for PNP transistors)
• Built-in standby function
• Small package : SSOP-16P (FPT-16P-M05)
s PACKAGE
16-pin Plastic SSOP
(FPT-16P-M05)


Similar Part No. - MB3817PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3817PFV FUJITSU-MB3817PFV Datasheet
240Kb / 29P
   Switching Regulator Controller
More results

Similar Description - MB3817PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com