Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A103PFT Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB39A103PFT
Description  4-ch DC/DC Converter IC for low voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A103PFT Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB39A103PFT Datasheet HTML 5Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 6Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 7Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 8Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 9Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 10Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 11Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 12Page - Fujitsu Component Limited. MB39A103PFT Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MB39A103
9
■ TYPICAL CHARACTERISTICS
(Continued)
TA
= +25 °C
CTL
= 3 V
5
4
3
2
1
0
0
246
8
10
12
TA
= +25 °C
CTL
= 3 V
VREF
= 0 mA
5
4
3
2
1
0
02
4
6
8
10
12
VCC
= 4 V
CTL
= 3 V
VREF
= 0 mA
2.05
2.04
2.03
2.02
2.01
2.00
1.99
1.98
1.97
1.96
1.95
−40
−20
0
2040
6080
100
TA
= +25 °C
VCC
= 4 V
VREF
= 0 mA
CTL
= 3 V
5
4
3
2
1
0
02
4
6
8
10
12
TA
= +25 °C
VCC
= 4 V
200
160
120
80
40
0
02
4
6
8
10
12
Power Supply Current vs. Power Supply Voltage
Reference Voltage vs. Power Supply Voltage
Power supply voltage VCC (V)
Power supply voltage VCC (V)
Reference Voltage vs. CTL terminal Voltage
Operating ambient temperature TA (
°C)
Reference Voltage vs.
Operating Ambient Temperature
CTL terminal voltage VCTL (V)
CTL terminal Current vs. CTL terminal Voltage
CTL terminal voltage VCTL (V)


Similar Part No. - MB39A103PFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB39A103 ETC-MB39A103 Datasheet
107Kb / 4P
   4-Channel DC/DC Converter IC with Support for Low Voltage
More results

Similar Description - MB39A103PFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A105 FUJITSU-MB39A105 Datasheet
236Kb / 27P
   1-ch DC/DC Converter IC for low voltage
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
Panasonic Semiconductor
AN8083S PANASONIC-AN8083S Datasheet
62Kb / 5P
   Low Voltage Operation IC for DC-DC Converter
AN8086S PANASONIC-AN8086S Datasheet
43Kb / 3P
   Low Voltage Operation IC for DC-DC Converter
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
MB39A112 FUJITSU-MB39A112 Datasheet
343Kb / 35P
   3-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39A112 CYPRESS-MB39A112 Datasheet
305Kb / 38P
   3-ch DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com