Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A104 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB39A104
Description  2-ch DC/DC Converter IC with Overcurrent Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A104 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB39A104_06 Datasheet HTML 3Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 4Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 10Page - Fujitsu Component Limited. MB39A104_06 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MB39A104
7
(Continued)
(VCC
= VCCO = 12 V, VREF = 0 mA, Ta = +25 °C)
*: Standard design value.
Parameter
Symbol
Pin No.
Conditions
Value
Unit
Min
Typ
Max
Frequency
bandwidth
BW
9, 16
AV
= 0 dB
1.6*
⎯ MHz
Output voltage
VOH
9, 16
4.7
4.9
V
VOL
9, 16
⎯⎯
40
200
mV
Output source
current
ISOURCE
9, 16
FB1
= FB2 = 2 V
⎯−2
−1mA
Output sink current
ISINK
9, 16
FB1
= FB2 = 2 V
150
200
⎯µA
Threshold voltage
VT0
6, 19
Duty cycle
= 0 %
1.4
1.5
V
VT100
6, 19
Duty cycle
= Dtr
2.5
2.6
V
Input current
IDTC
6, 19
DTC1
= DTC2 = 0.4 V
−2.0 −0.6
⎯µA
ILIM terminal input
current
ILIM
5, 20
RT
= 24 kΩ, CT = 100 pF
99
110
121
µA
Offset voltage
VIO
5, 20
⎯⎯
1*
mV
Output voltage
VH
2
VCC
= VCCO = 7 V to 19 V
VH
= 0 mA to 30 mA
VCC
5.5
VCC
5.0
VCC
4.5
V
Output source
current
ISOURCE
3, 22
OUT1 to OUT4
= 7 V,
Duty
≤ 5 %
(t
= 1/fOSC×Duty)
⎯−300
mA
Output sink current
ISINK
3, 22
OUT1 to OUT4
= 12 V,
Duty
≤ 5 %
(t
= 1/fOSC×Duty)
350
mA
Output ON
resistor
ROH
3, 22
OUT1
= OUT2 = −45 mA
8.0
12.0
ROL
3, 22
OUT1
= OUT2 = 45 mA
6.5
9.7
CTL input voltage
VIH
24
IC Active mode
2
19
V
VIL
24
IC Standby mode
0
0.8
V
Input current
ICTLH
24
CTL
= 5 V
50
100
µA
ICTLL
24
CTL
= 0 V
⎯⎯
1
µA
Standby current
ICCS
1, 17
CTL
= 0 V
010
µA
Power supply
current
ICC
1, 17
CTL
= 5 V
4.0
6.0
mA


Similar Part No. - MB39A104_06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
More results

Similar Description - MB39A104_06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3886 FUJITSU-MB3886 Datasheet
293Kb / 30P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A106 FUJITSU-MB39A106 Datasheet
572Kb / 46P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com