Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A102PFT Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB39A102PFT
Description  4-ch DC/DC Converter IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A102PFT Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB39A102PFT Datasheet HTML 2Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 3Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 4Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 5Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 6Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 7Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 8Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 9Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MB39A102
6
■ ABSOLUTE MAXIMUM RATINGS
* : The packages are mounted on the epoxy board (10 cm
× 10 cm).
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
■ RECOMMENDED OPERATING CONDITIONS
* : See “■ SETTING THE TRIANGULAR OSCILLATION FREQUENCY”.
Note : Pin numbers referred after this part are present on TSSOP-30P PKG.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VCC
VCC, VCCO terminals
12
V
Output current
IO
OUT1 to OUT4 terminals
20
mA
Output peak current
IOP
OUT1 to OUT4 terminals
Duty
≤ 5% (t = 1/fOSC×Duty)
400
mA
Power dissipation
PD
Ta
≤ +25 °C (TSSOP-30P)
1390*
mW
Ta
≤ +25 °C (BCC-32P)
980*
mW
Storage temperature
TSTG
⎯−55
+125
°C
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
VCC, VCCO terminals
2.5
4
11
V
Reference voltage output current
IREF
VREF terminal
−1
0mA
Input voltage
VINE
−INE1 to −INE4 terminals
0
VCC
− 0.9
V
−INS terminal
0
VREF
V
VDTC
DTC1 to DTC4 terminals
0
VREF
V
Control input voltage
VCTL
CTL terminal
0
11
V
Output current
IO
OUT1 to OUT4 terminals
−15
⎯+15
mA
Oscillation frequency
fOSC
*
100
500
1500
kHz
Timing capacitor
CT
39
100
560
pF
Timing resistor
RT
11
24
130
k
Soft-start capacitor
CS
CS1 to CS4 terminals
0.1
1.0
µF
Short detection capacitor
CSCP
⎯⎯
0.1
1.0
µF
Reference voltage output
capacitor
CREF
⎯⎯
0.1
1.0
µF
Operating ambient temperature
Ta
⎯−30
+25
+85
°C


Similar Part No. - MB39A102PFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A102PFT FUJITSU-MB39A102PFT Datasheet
428Kb / 24P
   Evaluation Board
logo
Tyco Electronics
MB39A102PFT MACOM-MB39A102PFT Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
More results

Similar Description - MB39A102PFT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
MB39A112 FUJITSU-MB39A112 Datasheet
343Kb / 35P
   3-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39A112 CYPRESS-MB39A112 Datasheet
305Kb / 38P
   3-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A103 FUJITSU-MB39A103 Datasheet
347Kb / 33P
   4-ch DC/DC Converter IC for low voltage
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
logo
Fairchild Semiconductor
FAN8048 FAIRCHILD-FAN8048 Datasheet
903Kb / 34P
   2 DC-DC Converter & 4-CH PWM Motor IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com