Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A102PFT Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB39A102PFT
Description  4-ch DC/DC Converter IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A102PFT Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB39A102PFT Datasheet HTML 3Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 4Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 5Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 6Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 7Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 8Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 9Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 10Page - Fujitsu Component Limited. MB39A102PFT Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MB39A102
7
■ ELECTRICAL CHARACTERISTICS
(VCC
= VCCO = 4 V, Ta = +25 °C)
(Continued)
Parameter
Symbol
Pin No
Conditions
Value
Unit
Min
Typ
Max
Output voltage
VREF
7
1.98
2.00
2.02
V
Output voltage
temperature
variation
∆VREF/
VREF
7Ta
= −30 °C to +85 °C
0.5*
⎯%
Input stability
Line
7
VCC
= 2.5 V to 11 V
−10
⎯+10
mV
Load stability
Load
7
VREF
= 0 mA to −1 mA
−10
⎯+10
mV
Threshold
voltage
VTH
25
VCC
=
1.7
1.8
1.95
V
Hysteresis
width
VH
25
0.05
0.1
0.2
V
Threshold
voltage
VTH
11
0.65
0.70
0.75
V
Input source
current
ICSCP
11
⎯−1.4
−1.0
−0.6
µA
Reset voltage
VRST
25
VREF
=
1.5
1.7
1.9
V
Oscillation
frequency
fOSC
22, 23, 24, 25
CT
= 100 pF, RT = 24 kΩ 450
500
550
kHz
Frequency
temperature
variation
∆fOSC/
fOSC
22, 23, 24, 25
Ta
= −30 °C to +85 °C
1*
⎯%
Charge current
ICS
1, 15, 16, 30
CS1 to CS4
= 0 V
−16
−12
−8
µA
Threshold
voltage
VTH
3, 13, 18, 28
FB1 to FB4
= 0.65 V
1.222 1.240 1.258
V
Input bias
current
IB
2, 14, 17, 29
−INE1 to −INE4 = 0 V
−120
−30
nA
Voltage gain
AV
3, 13, 18, 28
DC
100*
dB
Frequency
bandwidth
BW
3, 13, 18, 28
AV
= 0 dB
1.6*
MHz
Output voltage
VOH
3, 13, 18, 28
1.7
1.9
V
VOL
3, 13, 18, 28
⎯⎯
40
200
mV
Output source
current
ISOURCE
3, 13, 18, 28
FB1 to FB4
= 0.65 V
⎯−2
−1mA
Output sink
current
ISINK
3, 13, 18, 28
FB1 to FB4
= 0.65 V
150
200
⎯µA


Similar Part No. - MB39A102PFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A102PFT FUJITSU-MB39A102PFT Datasheet
428Kb / 24P
   Evaluation Board
logo
Tyco Electronics
MB39A102PFT MACOM-MB39A102PFT Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
More results

Similar Description - MB39A102PFT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
MB39A112 FUJITSU-MB39A112 Datasheet
343Kb / 35P
   3-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39A112 CYPRESS-MB39A112 Datasheet
305Kb / 38P
   3-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A103 FUJITSU-MB39A103 Datasheet
347Kb / 33P
   4-ch DC/DC Converter IC for low voltage
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
logo
Fairchild Semiconductor
FAN8048 FAIRCHILD-FAN8048 Datasheet
903Kb / 34P
   2 DC-DC Converter & 4-CH PWM Motor IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com