Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A106PFT-E1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB39A106PFT-E1
Description  2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A106PFT-E1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB39A106PFT-E1 Datasheet HTML 4Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 10Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 11Page - Fujitsu Component Limited. MB39A106PFT-E1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MB39A106
8
(VCC
= 12 V, VB = 0 mA, VREF = 0 mA, Ta = +25 °C)
(Continued)
Parameter
Symbol
Pin
No.
Conditions
Value
Unit
Min
Typ
Max
Error Amp
Block
[Error Amp]
Threshold
voltage
VTH1
1, 15
FB
= 2.4 V,
Ta
= + 25 °C
1.221
1.230
1.239
V
VTH2
1, 15
FB
= 2.4 V,
Ta
= 0 °C to + 85 °C
1.218
1.230
1.242
V
Input bias
current
IB
1, 15
−INE = 0 V
− 730
− 110
nA
Voltage gain
AV
2, 14 DC
60
100
dB
Frequency
bandwidth
BW
2, 14 AV
= 0 dB
1.5*
MHz
Output voltage
VFBH
2, 14
3.2
3.4
V
VFBL
2, 14
⎯⎯
40
200
mV
Output source
current
ISOURCE
2, 14 FB
= 2.4 V
⎯− 2
− 1mA
Output sink
current
ISINK
2, 14 FB
= 2.4 V
150
250
⎯µA
PWM
Comparator
Block
[PWM Comp.]
Threshold
voltage
VTL
2, 14 Duty cycle
= 0 %
1.7
1.8
V
VTH
2, 14 Duty cycle
= Dtr
2.86
3.00
V
Dead Time
Control Block
[DTC]
Maximum duty
cycle
Dtr
17, 29 RT
= 47 kΩ
75
81
87
%
Output Block
[Drive]
Output
current
(main side)
ISOURCE1
17, 29
OUT1
= 12 V, CB = 17 V,
VS
= 12 V,
Duty
≤ 5 %
(t
= 1/ fOSC × Duty)
⎯− 700*
mA
ISINK1
17, 29
OUT1
= 17 V, CB = 17 V,
VS
= 12 V,
Duty
≤ 5 %
(t
= 1/ fOSC × Duty)
900*
mA
Output voltage
(main side)
VOH1
17, 29
OUT1
= − 100 mA,
CB
= 17 V, VS = 12 V
VCB
− 2.5
VCB
− 0.9
V
VOL1
17, 29
OUT1
= 100 mA,
CB
= 17 V, VS = 12 V
VS
+ 0.9
VS
+ 1.4
V
Output current
(synchronous
rectification
side)
ISOURCE2
19, 27
OUT2
= 0 V,
Duty
≤ 5 %
(t
= 1/ fOSC × Duty)
⎯− 750*
mA
ISINK2
19, 27
OUT2
= 6 V,
Duty
≤ 5 %
(t
= 1/ fOSC × Duty)
900*
mA


Similar Part No. - MB39A106PFT-E1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102 Datasheet
428Kb / 24P
   Evaluation Board
logo
Tyco Electronics
MB39A102 MACOM-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
MB39A102EVB FUJITSU-MB39A102EVB Datasheet
428Kb / 24P
   Evaluation Board
MB39A102PFT FUJITSU-MB39A102PFT Datasheet
428Kb / 24P
   Evaluation Board
More results

Similar Description - MB39A106PFT-E1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3886 FUJITSU-MB3886 Datasheet
293Kb / 30P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com