Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ5RW21CA Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RQ5RW21CA
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW21CA Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RQ5RW21CA Datasheet HTML 5Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 6Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 7Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 8Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 9Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 10Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 11Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 12Page - RICOH electronics devices division RQ5RW21CA Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rx5RW
9
TYPICAL APPLICATION
4
3
1
2
VDD
VOUT
GND
Rx5RWxxA
C1
VIN
C2
IOUT
CE
4
3
1
2
VDD
VOUT
GND
Rx5RWxxB
C1
VIN
C2
IOUT
CE
4
3
1
2
VDD
VOUT
GND
Rx5RWxxC
C1
VIN
C2
IOUT
NC
In Rx5RW Series, a constant voltage can be obtained without using capacitors, C1 and C2. However, when
the wire connected VIN is long, use capacitor C1. Output noise can be reduced with using capacitor 2.
Insert capacitors C1 and C2 with the capacitance of 0.1
µF to 2µF between input/output pins and GND pin with
minimum wiring.


Similar Part No. - RQ5RW21CA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW21AA RICOH-RQ5RW21AA Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW21AA-TR RICOH-RQ5RW21AA-TR Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW21AB RICOH-RQ5RW21AB Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW21AB-TR RICOH-RQ5RW21AB-TR Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW21BA RICOH-RQ5RW21BA Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - RQ5RW21CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com