Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS393 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS393
Description  Dual Voltage Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS393 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TS393
6-6
2003/12 rev. A
SOP-8 Mechanical Drawing
C
P
B
D
K
G
1
8
A
16
9
R
M
F
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 (typ)
0.05 (typ)
K
0.10
0.25
0.004
0.009
M
0
o
7
o
0
o
7
o
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
DIP-8 Mechanical Drawing
C
K
D
G
B
A
1
8
4
5
L
M
J
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.07
9.32
0.357
0.367
B
6.22
6.48
0.245
0.255
C
3.18
4.45
0.125
0.135
D
0.35
0.55
0.019
0.020
G
2.54 (typ)
0.10 (typ)
J
0.29
0.31
0.011
0.012
K
3.25
3.35
0.128
0.132
L
7.75
8.00
0.305
0.315
M
-
10
o
-
10
o


Similar Part No. - TS393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
179Kb / 7P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TS393 STMICROELECTRONICS-TS393 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
TS393 TSC-TS393 Datasheet
396Kb / 8P
   Low Power Low Offset Voltage Dual Comparators
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS393

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
AUK corp
S393P AUK-S393P_1 Datasheet
258Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
   DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393P AUK-S393P Datasheet
262Kb / 3P
   Dual Voltage Comparator
S393 AUK-S393_1 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
   Dual Voltage Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com