Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1201AB Datasheet(PDF) 10 Page - Power Innovations Ltd

Part # LB1201AB
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AB Datasheet(HTML) 10 Page - Power Innovations Ltd

Back Button LB1201AB Datasheet HTML 6Page - Power Innovations Ltd LB1201AB Datasheet HTML 7Page - Power Innovations Ltd LB1201AB Datasheet HTML 8Page - Power Innovations Ltd LB1201AB Datasheet HTML 9Page - Power Innovations Ltd LB1201AB Datasheet HTML 10Page - Power Innovations Ltd LB1201AB Datasheet HTML 11Page - Power Innovations Ltd LB1201AB Datasheet HTML 12Page - Power Innovations Ltd LB1201AB Datasheet HTML 13Page - Power Innovations Ltd LB1201AB Datasheet HTML 14Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
10
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
circuit component values
The TISP61060 is a functional replacement for three devices, the LB1201, TCM1030 and TCM1060. These
devices have a minimum value of series limiting resistor (R1 and R2 in Figure 2) which will ensure that the
impulse surge current will not exceed the device rated value. This is summarised in the table below.
This table shows that the TISP61060 has impulse ratings which are higher or equal to those of the other three
devices. Similarly, the TISP61060 has a.c. ratings which are higher or equal to those of the other three
devices. A series over-current protector should be included in the wire feed to prevent exceeding the
Figure 7. AVERAGE GATE CURRENT VS A.C. SUPPLY VOLTAGE IN FIGURES 2 AND 5
DEVICE
10/1000
1 kV, 10
10/160
1.5 kV, 7.5
2/10
2.5 kV, 5
RECCOMMENDED
MIN. SERIES
RESISTANCE
LB1201
ITSP A
12.5
18.5
23
100
MIN. SERIES
RESISTANCE
70
73.6
104
TCM1030
ITSP A
16
25
35
100
MIN. SERIES
RESISTANCE
52.5
52.5
66.4
TCM1060
ITSP A
30
45
50
50
MIN. SERIES
RESISTANCE
23.3
25.8
45
TISP61060
ITSP A
30
45
50
50
MIN. SERIES
RESISTANCE
23.3
25.8
45
V
AC
- RMS Supply Voltage - V
0
100
200
300
400
500
-10
-5
0
5
10
15
20
25
Figure 3. Condition
Figure 6. Condition
TISP61060
IC Based Protector
Protector Starting to Crowbar
Figure 4. Condition
AI6XAJ
Figure 2. and Figure 5.
Test Circuits


Similar Part No. - LB1201AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - LB1201AB

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com