Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089SD Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP61089SD
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP61089SD Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP61089SD Datasheet HTML 1Page - Power Innovations Ltd TISP61089SD Datasheet HTML 2Page - Power Innovations Ltd TISP61089SD Datasheet HTML 3Page - Power Innovations Ltd TISP61089SD Datasheet HTML 4Page - Power Innovations Ltd TISP61089SD Datasheet HTML 5Page - Power Innovations Ltd TISP61089SD Datasheet HTML 6Page - Power Innovations Ltd TISP61089SD Datasheet HTML 7Page - Power Innovations Ltd TISP61089SD Datasheet HTML 8Page - Power Innovations Ltd TISP61089SD Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TISP61089S
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
1
JULY 1999
Copyright © 1999, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
PROGRAMMABLE SLIC OVERVOLTAGE PROTECTION FOR LSSGR ‘1089
q
Dual Voltage-Programmable Protectors
- Wide 0 to -85 V Programming Range
- Low 5 mA max. Gate Triggering Current
- High 150 mA min. Holding Current
q
Rated for LSSGR ‘1089 Conditions
q
2/10 Protection Voltage Specified
q
Also Rated for ITU-T 10/700 impulses
q
Small Outline Surface Mount Package
- Available Ordering Options
WAVE SHAPE
‘1089 TEST CLAUSE
AND TEST #
ITSP
A
2/10 µs
4.5.8 Second-Level 1
120
10/1000 µs
4.5.7 First-Level 3
30
60 Hz POWER
FAULT TIME
‘1089 TEST CLAUSE
AND TEST #
ITSM
A
100 ms
4.5.13 Second-Level 2
11
1 s
4.5.13 Second-Level 2
4.5
5 s
4.5.13 Second-Level 2
2.4
300 s
4.5.13 Second-Level 1
0.95
900 s
4.5.13 Second-Level 1
0.93
ELEMENT
FIRST-LEVEL
V @ 56 A
SECOND-LEVEL
V @ 100 A
Diode
6
8
Crowbar
VGG = -48 V
-57
-60
CARRIER
ORDER #
Tube
TISP61089SD
Taped and reeled
TISP61089SDR
q
Single-Lead Line Connection Version of
Feed-Through TISP61089D
- Ground Lead Creepage Distance . . > 3 mm
description
The TISP61089S is a dual forward-conducting buffered p-gate overvoltage protector. It is designed to protect
monolithic SLICs (Subscriber Line Interface Circuits) against overvoltages on the telephone line caused by
lightning, a.c. power contact and induction. The TISP61089S limits voltages that exceed the SLIC supply rail
voltage. The TISP61089S parameters are specified to allow equipment compliance with Bellcore GR-1089-
CORE, Issue 1.
The SLIC line driver section is typically powered from 0 V (ground) and a negative voltage in the region of
-10 V to -75 V. The protector gate is connected to this negative supply. This references the protection
(clipping) voltage to the negative supply voltage. As the protection voltage will then track the negative supply
voltage the overvoltage stress on the SLIC is minimised.
Positive overvoltages are clipped to ground by diode forward conduction. Negative overvoltages are initially
clipped close to the SLIC negative supply rail value. If sufficient current is available from the overvoltage, then
device symbol
K1
K2
A
A
G1,G2
Terminals K1, K2 and A correspond to the alternative
line designators of T, R and G or A, B and C. The
negative protection voltage is controlled by the
voltage, V
GG, applied to the G terminal.
SD6XAP
MD6XBA
D PACKAGE
(TOP VIEW)
NC - No internal connection
Terminal typical application names shown in
parenthesis
1
2
3
4
5
6
7
8
A
A
G
K1
K2
NC
(Ground)
(Ground)
(Gate)
(Tip)
(Ring)
NC
NC


Similar Part No. - TISP61089SD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61089SD BOURNS-TISP61089SD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089SD BOURNS-TISP61089SD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089SD BOURNS-TISP61089SD Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
TISP61089SDR BOURNS-TISP61089SDR Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61089SD

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com