Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3793-37A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB3793-37A
Description  Power Voltage Monitoring IC with Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3793-37A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3793-37A Datasheet HTML 1Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 2Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 3Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 4Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 5Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 6Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 7Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 8Page - Fujitsu Component Limited. MB3793-37A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MB3793-37A
4
■ BLOCK DESCRIPTION
1.
Comp. S
Comp. S is a comparator with hysteresis to compare the reference voltage with a voltage (VS) that is the result of
dividing the power voltage (VCC) by resistors 1 and 2. When VS falls below 1.24 V, a reset signal is output.
This function enables the MB3793 to detect an abnomality within 1
µs when the power is cut or falls abruptly.
2.
Output circuit
The output circuit contains a RESET output control comparator that compares the voltage at the CTP pin to the
threshold voltage to release the RESET output if the CTP pin voltage exceeds the threshold value.
Since the reset (RESET) output buffer has CMOS organization, no pull-up resistor is needed.
3.
Pulse generator
The pulse generator generates pulses when the voltage at the CK1 and CK2 clock pins changes to High from Low
level (positive-edge trigger) and exceeds the threshold voltage; it sends the clock signal to the watchdog timer.
4.
Watchdog timer
The watchdog timer can monitor two clock pulses. Short-circuit the CK1 and CK2 clock pins to monitor a single
clock pulse.
5.
Inhibition pin
The inhibition (INH) pin forces the watchdog timer on/off. When this pin is High level, the watchdog timer is stopped.
6.
Logic circuit
The logic circuit contains flip-flops.
Flip-flop RSFF1 controls the charging and discharging of the power-on reset hold time setting capacitor (CTP).
Flip-flop RSFF2 turns on/off the circuit that accelerates charging of the power-on reset hold time setting capacitor
(CTP) at a reset. The RSFF2 operates only at a reset; it does not operate at a power-on reset when the power is
turned on.


Similar Part No. - MB3793-37A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-37A CYPRESS-MB3793-37A Datasheet
535Kb / 29P
   Power Voltage Monitoring IC with Watchdog Timer Datasheet
More results

Similar Description - MB3793-37A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-30A FUJITSU-MB3793-30A Datasheet
304Kb / 26P
   Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com