Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82DBS02163D-70LBGT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB82DBS02163D-70LBGT
Description  32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DBS02163D-70LBGT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB82DBS02163D-70LBGT Datasheet HTML 1Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 2Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 3Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 4Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 5Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 6Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 7Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 8Page - Fujitsu Component Limited. MB82DBS02163D-70LBGT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
MB82DBS02163D-70L
2
■ PIN ASSIGNMENT
■ PIN DESCRIPTION
Pin Name
Description
A20 to A0
Address Input
CE1
Chip Enable 1 (Low Active)
CE2
Chip Enable 2(High Active)
WE
Write Enable (Low Active)
OE
Output Enable (Low Active)
LB
Lower Byte Control (Low Active)
UB
Upper Byte Control (Low Active)
CLK
Clock Input
ADV
Address Valid Input (Low Active)
WAIT
Wait Output
DQ7 to DQ0
Lower Byte Data Input/Output
DQ15 to DQ8
Upper Byte Data Input/Output
VDD
Power Supply Voltage
VSS
Ground
NC
No Connection
DJ
H
G
F
E
2
1
A
M
L
K
C
B
8
3
4
5
6
7
NC
A11
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
A8
A15
A12
NC
A13
NC
A14
A16
NC
NC
DQ15
VSS
DQ7
A19
CE2
A9
A20
ADV
UB
WAIT
A18
A6
A3
A5
A2
A4
A1
VSS
A0
A10
A17
DQ6
DQ1
DQ13
DQ4
DQ12
VDD
DQ3
DQ9
VDD
DQ10
NC
DQ0
DQ14
DQ5
NC
DQ11
DQ2
DQ8
WE
CLK
LB
A7
OE
CE1
(TOP VIEW)
(BGA-71P-M03)


Similar Part No. - MB82DBS02163D-70LBGT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C-70L FUJITSU-MB82DBS02163C-70L Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C-70LPBT FUJITSU-MB82DBS02163C-70LPBT Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C-70LWT FUJITSU-MB82DBS02163C-70LWT Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163E-70L FUJITSU-MB82DBS02163E-70L Datasheet
57Kb / 1P
   32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
More results

Similar Description - MB82DBS02163D-70LBGT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS04163C FUJITSU-MB82DBS04163C Datasheet
557Kb / 62P
   MEMORY Mobile FCRAMTM CMOS 64 M Bit (4 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com