Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2937CZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937CZ
Description  500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2937CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2937
2-6
2003/12 rev. B
Electrical Characteristics
Vin = Vout + 1V, IL = 5mA, Co = 6.8uF, Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
TS2937A
0.990|Vo|
1.010|Vo|
v
Output Voltage
Ta = 25
oC
TS2937
0.980|Vo|
1.020|Vo|
V
TS2937A
0.980|Vo|
1.020|Vo|
Output Voltage
Ta = -25 ~ 85
oC
TS2937
0.960|Vo|
8.0 / 5.0
3.3 / 2.5
1.8
1.040|Vo|
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature
Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V
≤ Vin ≤ 26V
--
0.05
0.5
%
Load Regulation
5mA
≤ IL ≤ 500mA
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=300mA
IL=500mA
--
--
--
100
300
500
200
400
600
mV
Quiescent Current (Note 5)
IL=100uA
IL=300mA
IL=500mA
--
--
--
100
12
25
--
--
--
uA
mA
Short Circuit Current (Note 6)
Vout=0
--
0.9
1.3
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2uF
CL=3.3uF
CL=33uF
--
--
--
500
350
120
--
--
--
uVrms
Thermal Performance
Condition
Package type
Typ
Unit
TO-220
60
TO-263
80
TO-252
150
Thermal Resistance
Junction to Ambient
SOT-223
170
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed Specifications
and test conditions see the Electrical Characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction to
ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective
value of θja can be reduced by using a heatsink.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the maximum
specified temperature.


Similar Part No. - TS2937CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ TSC-TS2937CZ Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ TSC-TS2937CZ Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937CZ10 TSC-TS2937CZ10 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12 TSC-TS2937CZ12 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12C0 TSC-TS2937CZ12C0 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2937CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com