Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD5RW27AA Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RD5RW27AA
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RD5RW27AA Datasheet(HTML) 5 Page - RICOH electronics devices division

  RD5RW27AA Datasheet HTML 1Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 2Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 3Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 4Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 5Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 6Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 7Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 8Page - RICOH electronics devices division RD5RW27AA Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rx5RW
5
Rx5RW30B
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
=5.0V
10
µA <
= IOUT <
= 10mA
2.940
3.000
3.060
V
IOUT
Output Current
VIN
=5.0V
50
mA
∆VOUT/∆IOUT
Load Regulation
VIN
=5.0V
1mA <
= IOUT <
= 50mA
40
60
mV
VDIF
Dropout Voltage
IOUT
=1mA
40
60
mV
ISS
Supply Current
VIN
=5.0V
1.5
3.0
µA
Istandby
Standby Current
VIN
=5.0V, VCE=GND
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
IOUT
=1mA
VOUT
+0.5V <
= VIN <
= 8V
0.00
0.05
0.20
%/V
VIN
Input Voltage
8.0
V
∆VOUT/∆Topt
Output Voltage Temperature
Coefficient
IOUT
=1mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Short Current Limit
VOUT
=0V
40
mA
RPD
Pull down resistance for CE
pin
1.5
4.0
12.0
M
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.25
V
Rx5RW30C
Topt
=25°C
Symbol
Item
Conditions
Min.
Tyo.
Max.
Unit
VOUT
Output Voltage
VIN
=5.0V
10
µA <
= IOUT <
= 10mA
2.940
3.000
3.060
V
IOUT
Output Current
VIN
=5.0V
50
mA
∆VOUT/∆IOUT
Load Regulation
VIN
=5.0V
1mA <
= IOUT <
= 50mA
40
60
mV
VDIF
Dropout Voltage
IOUT
=1mA
40
60
mV
ISS
Supply Current
VIN
=5.0V
1.5
3.0
µA
∆VOUT/∆VIN
Line Regulation
IOUT
=1mA
3.5V <
= VIN <
= 8.0V
0.00
0.05
0.20
%/V
VIN
Input Voltage
8.0
V
∆VOUT/∆Topt
Output Voltage Temperature
Coefficient
IOUT
=10mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Short Current Limit
40
mA


Similar Part No. - RD5RW27AA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW20AA-TR-FE RICOH-RD5RW20AA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW20BA-TR-FE RICOH-RD5RW20BA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW20CA-TR-FE RICOH-RD5RW20CA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW25AA-TR-FE RICOH-RD5RW25AA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW25BA-TR-FE RICOH-RD5RW25BA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
More results

Similar Description - RD5RW27AA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com