Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89816A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89816A
Description  8-bit Proprietary Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89816A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89816A Datasheet HTML 1Page - Fujitsu Component Limited. MB89816A Datasheet HTML 2Page - Fujitsu Component Limited. MB89816A Datasheet HTML 3Page - Fujitsu Component Limited. MB89816A Datasheet HTML 4Page - Fujitsu Component Limited. MB89816A Datasheet HTML 5Page - Fujitsu Component Limited. MB89816A Datasheet HTML 6Page - Fujitsu Component Limited. MB89816A Datasheet HTML 7Page - Fujitsu Component Limited. MB89816A Datasheet HTML 8Page - Fujitsu Component Limited. MB89816A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MB89810A Series
3
s
s
s
s PRODUCT LINEUP
(Continued)
MB89P817A
Classification
Mass-production product
(mask ROM products)
One-time PROM product
(for evaluation and development)
ROM size
24 K
× 8 bits
(internal mask ROM)
32 K
× 8 bits
(internal PROM, programming with gen-
eral-purpose EPROM programmer)
RAM size
2048
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.8
µs/5 MHz
Interrupt processing time:
7.2
µs/5 MHz
Ports
Input ports:
8 (All also serve as peripherals.)
Output ports:
8
I/O ports (N-ch open-drain): 5 (for LED driving)
I/O ports (CMOS):
32 (14 ports also serve as peripherals.)
Total:
53
8-bit PWM timer
Two internal channels
8-bit reload timer operation (toggled output capable, operating clock cycle:
3 different cycles)
8-bit resolution PWM operation (conversion cycle: 3 different cycles)
8-bit timer/counter
16-bit timer operation
16-bit event counter operation
UART
5-, 7-, or 8-bit transfer capable
Built-in baud rate generator
Clock synchronous/asynchronous data transfer capable
8-bit Serial I/O
8-bits
LSB-first/MSB first selectability
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks)
External interrupt
8 independent channels (edge selection, interrupt vector, source flag)
4 channels: Level detection (level selectable)
4 channels: Edge detection (edge selectable)
Used also for wake-up from the stop/sleep mode. (Edge detection is also permitted in
stop mode.)
MB89816A
Part number
Parameter


Similar Part No. - MB89816A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89816A FUJITSU-MB89816A Datasheet
171Kb / 36P
   8-bit Proprietary Microcontroller
MB89816APF FUJITSU-MB89816APF Datasheet
171Kb / 36P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89816A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com