Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL1D Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TISPPBL1D
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISPPBL1D Datasheet(HTML) 5 Page - Power Innovations Ltd

  TISPPBL1D Datasheet HTML 1Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 2Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 3Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 4Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 5Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 6Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 7Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 8Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
AUGUST 1997 - REVISED DECEMBER 1999
TISPPBL1D, TISPPBL1P, TISPPBL2D, TISPPBL2P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
FOR ERICSSON COMPONENTS SLICS
PROD UCT
I N FORM A T ION
PARAMETER MEASUREMENT INFORMATION
Figure 3 TEST CIRCUIT FOR MEASUREMENT OF LIMITING VOLTAGE
Figure 4 CURRENT WAVEFRONT
Figure 5 CURRENT WAVEFRONT di/dt
R1
50
Hi
V
B (VGG)
-50 V
AI6XBACB
15
20 nF
20 µF
25
IMPULSE
CURRENT
I
T, IF
LIMITING
VOLTAGE
V
K, VF
±1960 V
S1
Lo
DUT
(TISPPBLx)
220 nF
R1 = ONE SECTION OF A THICK-FILM HIGH
VOLTAGE PULSE RESISTOR NETWORK
ECAT WITH E502 0.5/700 SURGE NETWORK
I
G
Th4
Th5
E502 0.5/700 WAVEFRONT CURRENT
vs
TIME
Time - µs
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
AI6XAY
E502 0.5/700 WAVEFRONT di/dt
vs
TIME
Time - µs
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
AI6XAZ


Similar Part No. - TISPPBL1D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
More results

Similar Description - TISPPBL1D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
TISPPBL3 BOURNS-TISPPBL3 Datasheet
349Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com