Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS4426PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS4426PBF
Description  DUAL LOW SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4426PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS4426PBF Datasheet HTML 1Page - International Rectifier IRS4426PBF Datasheet HTML 2Page - International Rectifier IRS4426PBF Datasheet HTML 3Page - International Rectifier IRS4426PBF Datasheet HTML 4Page - International Rectifier IRS4426PBF Datasheet HTML 5Page - International Rectifier IRS4426PBF Datasheet HTML 6Page - International Rectifier IRS4426PBF Datasheet HTML 7Page - International Rectifier IRS4426PBF Datasheet HTML 8Page - International Rectifier IRS4426PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.irf.com
3
IRS4426/IRS4427/IRS4428(S)PbF
Symbol
Definition
Min. Typ. Max. Units Test Conditions
Logic “1” input voltage (OUTA=HI, OUTB=HI)
(IRS4426)
Logic “0” input voltage (OUTA=LO, OUTB=LO)
VIL
(IRS4427)
0.6
Logic “I” input voltage (OUTA=HI),
Logic “0”
input voltage (OUTB=LO) (IRS4428)
VOH
High level output voltage, VBIAS-VO
1.4
Io = 0 A
VOL
Low level output voltage, VO
0.15
Io = 20 mA
5
15
VIN = 0 V (IRS4426)
IIN+
Logic “1” input bias current (OUT=HI)
VIN = VS (IRS4427)
VINA = 0 V (IRS4428)
VINB = VS (IRS4428)
VIN = VS (IRS4426)
IIN-
Logic “0” input bias current (OUT=LO)
-10
-30
VIN = 0 V (IRS4427)
VINA = VS (IRS4428)
VINB = 0 V (IRS4428)
IQS
Quiescent Vs supply current
100
200
VIN = 0 V or VS
VO = 0 V, VIN = 0 V
(IRS4426)
VO = 0 V, VIN = VS
IO+
Output high short circuit pulsed current
---
2.3
(IRS4427)
VO = 0 V, VINA = 0 V
(IRS4428)
VO = 0 V, VINB = VS
(IRS4428)
PW
≤ 10 µs
VO = 15 V, VIN = VS
(IRS4426)
VO = 15 V, VIN = 0 V
IO-
Output low short circuit pulsed current
---
3.3
(IRS4427)
VO = 15 V, VINA = VS
(IRS4428)
VO = 15 V, VINB = 0 V
(IRS4428)
PW
≤ 10 µs
DC Electrical Characteristics cont.
VBIAS (VS) = 15 V, TA = 25 °C unless otherwise specified. The VIN, and IIN parameters are referenced to GND and are
applicable to input leads: INA and INB. The VO and IO parameters are referenced to GND and are applicable to the
output leads: OUTA and OUTB.
A
µA
V


Similar Part No. - IRS4426PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS4426 IRF-IRS4426 Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4426 IRF-IRS4426 Datasheet
381Kb / 17P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
logo
International Rectifier
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
More results

Similar Description - IRS4426PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
   Dual Low Side Driver
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
   DUAL LOW SIDE DRIVER
July 29, 2011
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
   DUAL LOW SIDE DRIVER
logo
International Rectifier
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
   DUAL LOW SIDE DRIVER
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
   DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
logo
International Rectifier
IR4426STRPBF IRF-IR4426STRPBF Datasheet
311Kb / 12P
   DUAL LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com