Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P928 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB89P928
Description  8-bit Proprietary Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P928 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB89P928 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P928 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
MB89920 Series
s PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
P72/SEG18
P73/SEG19
P74/SEG20
P75/SEG21
P76/SEG22
P77/SEG23
P80/SEG24
P81/SEG25
P82/SEG26
P83/SEG27
P90/RTO0
P91/RTO1
P92/CLK
P93/PWM0
VSS
MODA
X1
X0
P94/PWM1
HST
RST
P95/SCK
P96/SO
P97/SI
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
P51/SEG1
P50/SEG0
P40/COM0
P41/COM1
P42/COM2
P43/COM3
P44/V1
P45/V2
V3
VCC
AVCC
AVR
AVSS
P10/AN0
P11/AN1
P12/AN2
P13/AN3
P14/AN4
P15/AN5
P16/AN6
P17/AN7
P00/INT0
P01/INT1
P02/INT2
(Top view)
(FPT-80P-M06)
(Lead pitch: 0.80 mm)
(Body size: 20 mm
× 14 mm)
(Only for mass production or one-time PROM products)


Similar Part No. - MB89P928

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P928 FUJITSU-MB89P928 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89P928PF FUJITSU-MB89P928PF Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P928

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com