Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27566-SPSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C27566-SPSXI
Description  PSoC??Mixed Signal Array
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27566-SPSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C27566-SPSXI Datasheet HTML 1Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 2Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 3Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 4Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 5Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 6Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 7Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 8Page - Cypress Semiconductor CY8C27566-SPSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
June 1, 2004
Document No. 38-12019 Rev. *B
3
CY8C27x66 Preliminary Data Sheet
PSoC™ Overview
Peak detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one CT (Continuous Time) and two SC (Switched Capacitor)
blocks. The number of blocks is dependant on the device family
which is detailed in the table titled “PSoC Device Characteris-
tics” on page 3.
Analog System Block Diagram
Additional System Resources
System Resources, some of which have been previously listed,
provide additSNRional capability useful to complete systems.
Additional resources include a multiplier, decimator, switch
mode pump, low voltage detection, and power on reset. Brief
statements describing the merits of each system resource are
presented below.
Digital clock dividers provide three customizable clock fre-
quencies for use in applications. The clocks can be routed to
both the digital and analog systems. Additional clocks can be
generated using digital PSoC blocks as clock dividers.
A multiply accumulate (MAC) provides a fast 8-bit multiplier
with 32-bit accumulate to assist in both general math as well
as digital filters.
The decimator provides a custom hardware filter for digital
signal, processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication
over two wires. Slave, master, and multi-master modes are
all supported.
Low Voltage Detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR
(Power On Reset) circuit eliminates the need for a system
supervisor.
An internal 1.3 voltage reference provides an absolute refer-
ence for the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2V battery cell, providing a
low cost boost converter.
PSOC Device Characteristics
Depending on your PSoC device characteristics, the digital and
analog systems can have 16, 8, or 4 digital blocks and 12, 6, or
3 analog blocks. The following table lists the resources
available for specific PSoC device groups.
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
PSoC Device Characteristics
PSoC Part
Number
CY8C29x66
up to
64
4
16
12
4
4
12
CY8C27x66
up to
44
2
8
12
4
4
12
CY8C27x43
up to
44
2
8
12
4
4
12
CY8C24x23
up to
24
1
4
12
2
2
6
CY8C22x13
up to
16
1
4
8
1
1
3


Similar Part No. - CY8C27566-SPSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543 CYPRESS-CY8C27543 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27566-SPSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com