Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB010 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LVB010
Description  Single Bus LVDS Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB010 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LVB010 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB010 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8662A
09/03/04
PI90LVB010
Single Bus LVDS Transceiver
DC Electrical Characteristics(2,3) (TA = –40°C to +85°C, unless otherwise noted. VCC = 3.3V ±0.3V)
Symbol
Parameter
Test Condition
Pin
Min. Typ. Max. Units
VOD
Output Differential Voltage
RL = 27Ω, See figure 1
DO+/RI+
DO-/RI-
140
250
360
mV
∆VOD
VOD Magnitude Change
3
30
VOS
Offset Voltage
1
1.25
1.65
V
∆VOS
Offset Magnitude Change
5
50
mV
IOSD
Output Short Circuit Current
VO = 0V, DE = VCC
-12
-20
mA
VOH
Voltage Output High
VID = +100mV
IOH = -400
ROUT
2.8
3
V
Inputs Open
2.8
3
Inputs Shorted
2.8
3
Inputs Terminated,
RL = 27Ω
2.8
3
VOL
Voltage Output Low
IOL = 2.0mA, VID = -100mV
0.1
0.4
IOS
Output Short Circuit Curretn
VOUT = 0V, VID = 100V
-5
-35
-85
mA
VTH
Input Threshold High
DE = 0V
DO+/RI+
DO-/RI-
100
mV
VTL
Input Threshold Low
-100
IIN
Input Current
DE = 0V, VIN = 2.4V or 0V
-20
±1
20
µA
VCC = 0V, VIN = 2.4V or 0V
-20
±1
20
VIH
Minimum Input High Voltage
IN, DE, RE
2.0
VCC
V
VIL
Minimum Input Low Voltage
GND
0.8
IIH
Input High Current
VIN = VCC or 2.4V
±1
10
µA
IIL
Input Low Current
VIN = GND or 0.4V
±1
10
VCL
Input Diode Clamp Voltage
ICLAMP = -18mA
-1.5
-0.8
V
ICCD
Power Supply Current
DE = RE = VCC, RL = 27Ω
VCC
13
20
mA
ICCR
DE = RE = 0V
5
8
ICCZ
DE = 0V, RE = VCC
3
7.5
ICC
DE = VCC, RE - 0V, RL = 27Ω
16
22
COUTPUT
Bus Pin Capacitance
DO+/RI+
DO-/RI-
5
pF
Notes:
1. “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
2. All currents into device pins are positive, all currents out of device pins are negative. All voltages are referenced to ground except: VOD, VID,
VTH, and VTL, unless otherwise specified.
3. All typicals are given for VCC = +3.3V or 5.0V and TA = +25°C unless otherwise stated.
4. ESD Rating: HBM (15kΩ, 100pF) > 2.0kV EAT (0Ω, 200pF) >300V.
5. CL includes probe and jig capacitance.
6. Generator waveforms for all tests unless otherwise specified: f = 1MHz, ZO = 50Ω, tr, tf ≤ 6.0ns (0% - 100%) on control pins
and ≤ 1.0ns for RI inputs.
7. The PI90LVB010 is a current mode device and only functions with datasheet specification when a resistive load is appplied between the driver
outputs.
8. For receiver disable delays, the switch is set to VCC for tPZL, and tPLZ and to GND for tPZH and tPHZ.


Similar Part No. - PI90LVB010

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB01 PERICOM-PI90LVB01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LVB01TEX PERICOM-PI90LVB01TEX Datasheet
454Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
More results

Similar Description - PI90LVB010

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
[Old version datasheet]   Bus LVDS 3.3/5.0V Single Transceiver
logo
National Semiconductor ...
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com