Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB010U Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI90LVB010U
Description  Single Bus LVDS Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB010U Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI90LVB010U Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB010U Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8662A
09/03/04
PI90LVB010
Single Bus LVDS Transceiver
Figure 8. Receiver Three-State Delay Test Circuit
Figure 9. Receiver Three-State Delay Waveforms
Figure 10. Bidirectional Half-Duplex Point-to-Point Applications
Typical Bus Application Configurations
Test Circuits and Timing Waveforms (continued)
Figure 11. Multipoint Bus Applications
RE
50Ω
CL
VCC
R
Pulse
Generator
RI+
RI–
+
RL
DIN
DO+
DO–
DO+
DO–
RI+
RI–
RI+
RI–
DE
RE
ROUT
DIN
DE
RE
ROUT
54Ω
54Ω
+
+
RE
ROUT
GND
50%
VOL +0.5
VOH –0.5
50%
1.5V
1.5V
tPZH
VOH
VOH
VCC
VOL
VOH
VOL
tPHZ
tPZL
tPLZ
0V
3V
DIN
/ROUT
DIN
/ROUT
54Ω
DIN
/ROUT
DIN
/ROUT
DIN
/ROUT
DIN
/ROUT
DIN
/ROUT
54Ω


Similar Part No. - PI90LVB010U

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB01 PERICOM-PI90LVB01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LVB01TEX PERICOM-PI90LVB01TEX Datasheet
454Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
More results

Similar Description - PI90LVB010U

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
[Old version datasheet]   Bus LVDS 3.3/5.0V Single Transceiver
logo
National Semiconductor ...
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com