Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7082F3D Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TISP7082F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7082F3D Datasheet(HTML) 6 Page - Power Innovations Ltd

Back Button TISP7082F3D Datasheet HTML 2Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 3Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 4Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 5Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 6Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 7Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 8Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 9Page - Power Innovations Ltd TISP7082F3D Datasheet HTML 10Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TISP7072F3, TISP7082F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
6
MARCH 1994 - REVISED MARCH 2000
P R OD UCT
INFORM A T ION
TYPICAL CHARACTERISTICS
R and G, or T and G terminals
Figure 6.
Figure 7.
Figure 8.
Figure 9.
ON-STATE CURRENT
V
T - On-State Voltage - V
23
4
5
6
7 8 9
110
1
10
100
TC7LAM
ON-STATE VOLTAGE
vs
-40°C
150°C
25°C
Negative Polarity
HOLDING CURRENT & BREAKOVER CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
TC7LAH
JUNCTION TEMPERATURE
vs
I
H
+I
(BO)
-I
(BO)
NORMALISED BREAKOVER VOLTAGE
di/dt - Rate of Rise of Principle Current - A/µs
0·001
0·01
0·1
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
TC7LAU
Positive
RATE OF RISE OF PRINCIPLE CURRENT
vs
Negative
SURGE CURRENT
Decay Time - µs
10
100
1000
10
100
1000
TC7LAA
vs
DECAY TIME
2


Similar Part No. - TISP7082F3D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7082F3D BOURNS-TISP7082F3D Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3D-S BOURNS-TISP7082F3D-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3DR BOURNS-TISP7082F3DR Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3DR-S BOURNS-TISP7082F3DR-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7082F3D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com