Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1112L Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # Y1112L
Description  THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

Y1112L Datasheet(HTML) 4 Page - Power Innovations Ltd

  Y1112L Datasheet HTML 1Page - Power Innovations Ltd Y1112L Datasheet HTML 2Page - Power Innovations Ltd Y1112L Datasheet HTML 3Page - Power Innovations Ltd Y1112L Datasheet HTML 4Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
THE FLUORACTOR® Y1112L
FLUORESCENT LAMP STARTER SWITCH
4
MARCH 1998 - REVISED MAY 1998
PRODUCT
INFORMATION
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any
semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the
information being relied on is current.
PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in
accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI
deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except as mandated by government requirements.
PI accepts no liability for applications assistance, customer product design, software performance, or infringement
of patents or services described herein. Nor is any license, either express or implied, granted under any patent
right, copyright, design right, or other intellectual property right of PI covering or relating to any combination,
machine, or process in which such semiconductor products or services might be or are used.
PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE
SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright © 1998, Power Innovations Limited


Similar Part No. - Y1112L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
More results

Similar Description - Y1112L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
logo
Molex Electronics Ltd.
1301080170 MOLEX11-1301080170 Datasheet
36Kb / 1P
   Watertite Wet Location 13W Fluorescent Hand Lamp with Switch
1301080179 MOLEX11-1301080179 Datasheet
36Kb / 1P
   Watertite Wet Location 26W Fluorescent Hand Lamp with Switch
1301080173 MOLEX11-1301080173 Datasheet
36Kb / 1P
   Watertite Wet Location 13W Fluorescent Hand Lamp with Switch
1301080181 MOLEX11-1301080181 Datasheet
36Kb / 1P
   Watertite Wet Location 26W Fluorescent Hand Lamp with Switch,
1301080184 MOLEX11-1301080184 Datasheet
31Kb / 1P
   Watertite Wet Location 40W Fluorescent Hand Lamp with Switch,
logo
NXP Semiconductors
AN10958 PHILIPS-AN10958_15 Datasheet
2Mb / 56P
   Fluorescent lamp driver with PFC using the UBA2015/16 family
Rev. 2-9 August 2012
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Molex Electronics Ltd.
1301080174 MOLEX11-1301080174 Datasheet
36Kb / 1P
   Watertite Wet Location 13W Fluorescent Hand Lamp 230V with Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com