Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7350F3 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP7350F3
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7350F3 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP7350F3 Datasheet HTML 1Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 2Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 3Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 4Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 5Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 6Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 7Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 8Page - Power Innovations Ltd TISP7350F3 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
1
MARCH 1994 - REVISED MARCH 2000
Copyright © 2000, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
G Patented Ion-Implanted Breakdown Region
– Precise DC and Dynamic Voltages
G Planar Passivated Junctions
– Low Off-State Current ....................< 10 µA
G Rated for International Surge Wave Shapes
– Single and Simultaneous Impulses
G
..................UL Recognized Component
description
The TISP7xxxF3 series are 3-point overvoltage
protectors
designed
for
protecting
against
metallic (differential mode) and simultaneous
longitudinal
(common
mode)
surges.
Each
terminal pair has the same voltage limiting
values and surge current capability. This terminal
pair surge capability ensures that the protector
can meet the simultaneous longitudinal surge
requirement which is typically twice the metallic
surge requirement.
DEVICE
VDRM
V
V(BO)
V
‘7125F3
100
125
‘7150F3
120
150
‘7180F3
145
180
‘7240F3
180
240
‘7260F3
200
260
‘7290F3
220
290
‘7320F3
240
320
‘7350F3
275
350
‘7380F3†
270
380
† For new designs use ‘7350F3 instead of ‘7380F3
WAVE SHAPE
STANDARD
ITSP
A
2/10
GR-1089-CORE
190
8/20
IEC 61000-4-5
175
10/160
FCC Part 68
110
10/700
FCC Part 68
ITU-T K.20/21
70
10/560
FCC Part 68
50
10/1000
GR-1089-CORE
45
AVAILABLE OPTIONS
DEVICE
PACKAGE
CARRIER
ORDER #
TISP7xxxF3
D, Small-outline
TAPE AND REEL
TISP7xxxF3DR
TUBE
TISP7xxxF3D
TISP7xxxF3
P, Plastic DIP
TUBE
TISP7xxxF3P
TISP7xxxF3
SL, Single-in-line
TUBE
TISP7xxxF3SL
device symbol
G
T
R
SD7XAB
TerminalsT, R andG correspondtothe
alternative line designators of A, B and C
MD7XAACA
D PACKAGE
(TOP VIEW)
MDXXAL
G
NU
NU
G
NC
T
R
NC
1
2
3
45
6
7
8
MDXXAJA
1
2
3
4
5
6
7
8
R
NC
T
NC
G
NU
NU
G
P PACKAGE
(TOP VIEW)
NC - No internal connection
NU - Nonusable; no external electrical connection
should be made to these pins.
Specified ratings require connection of pin 5 and
pin 8.
SL PACKAGE
(TOP VIEW)
1
2
3
T
G
R
MDXXAGA


Similar Part No. - TISP7350F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7350F3D BOURNS-TISP7350F3D Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3D-S BOURNS-TISP7350F3D-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3DR BOURNS-TISP7350F3DR Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3DR-S BOURNS-TISP7350F3DR-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3SL BOURNS-TISP7350F3SL Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7350F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com