Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89660R Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89660R
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89660R Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89660R Datasheet HTML 1Page - Fujitsu Component Limited. MB89660R Datasheet HTML 2Page - Fujitsu Component Limited. MB89660R Datasheet HTML 3Page - Fujitsu Component Limited. MB89660R Datasheet HTML 4Page - Fujitsu Component Limited. MB89660R Datasheet HTML 5Page - Fujitsu Component Limited. MB89660R Datasheet HTML 6Page - Fujitsu Component Limited. MB89660R Datasheet HTML 7Page - Fujitsu Component Limited. MB89660R Datasheet HTML 8Page - Fujitsu Component Limited. MB89660R Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
MB89660R Series
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89665R
MB89W665
MB89P665
External interrupt
4 channels (source flag, enable flag independently)
Rising edge/falling edge/both edges selectable
Used also for wake-up from stop/sleep mode.
(Edge detection is also permitted in stop mode.)
(Wake-up from hardware standby mode is not possible)
Low-power
consumption
(standby modes)
Sleep mode, stop mode, and hardware standby mode
Process
CMOS
Operating voltage*
(when using A/D
converter)
2.2 V to 6.0 V
(3.5 V to 6.0 V)
2.7 V to 6.0 V
(3.5 V to 6.0 V)
Package
MB89663R
MB89665R
MB89P665
MB89W665
DIP-64P-M01
×
FPT-64P-M06
×
DIP-64C-A06
×
MB89663R
Item
Part number


Similar Part No. - MB89660R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89660 FUJITSU-MB89660 Datasheet
605Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89660R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com