Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1011A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1011A
Description  Cold Cathode Fluorescent Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1011A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1011A Datasheet HTML 1Page - Monolithic Power Systems MP1011A Datasheet HTML 2Page - Monolithic Power Systems MP1011A Datasheet HTML 3Page - Monolithic Power Systems MP1011A Datasheet HTML 4Page - Monolithic Power Systems MP1011A Datasheet HTML 5Page - Monolithic Power Systems MP1011A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MP1011A
Cold Cathode Fluorescent Lamp Driver
MPS, Inc 3777 Stevens Creek Blvd.
Revision 1.7
Suite 400 Santa Clara, 95051-7364 USA
April, 2001
Tel (408) 243-0088, Fax (408) 243-0099
www.monolithicpower.com
5
Table 1 Bill of Materials
Item
Qty
Description
Vendor / Part #
Designation
Resistors
1
1
4.3K
Ω, ±5%, SMD, 0805
Rbleed
2
1
100K
Ω, ±5%, SMD, 0805
Ren1
3
1
100K
Ω, ±5%, SMD, 0805
Ren2
4
2
1M
Ω, ±5%, SMD, 0805
Rsd, Rolpu
5
1
140
Ω, ±1%, SMD, 0805
Rsense
6
1
1K
Ω, ±5%, SMD, 0805
Rser
7
1
2M
Ω, ±5%, SMD, 0805
(For UL)
Rul1
8
1
280K
Ω, ±5%, SMD, 0805
(For UL)
Rul2
Capacitors
9
2
10nF, 50V, Y5V, SMD
C_bstL, C_bstR
10
2
10nF, 16V, X7R, SMD
C_olpu, C_comp
11
1
100pF 50V NPO
C_en
12
1
1uF 6.3V X7R
C_sd
13
1
6.8nF 16V X7R
C_opv
14
1
10pF, 3KV
C_para
15
1
0.22uF, 16V, Y5V, (optional)
C_sense
16
1
2X.47uF 16V X7R
C_ser
17
2
1uF 25V Y5V
C_vccR, C_vccL
18
1
10uF, 25V, Y5U, SMD, 1210
C_vcc
19
1
220nF, 10V Y5V, SMD
C_vdrL
20
1
0.1uF, 10V, X7R, SMD
C_vref
21
1
100nF, 10V, Y5Y, SMD
(for UL)
Cul
Semiconductors
22
4
Diode, BAV99L
D1b, D1a, D2b, D2a
23
2
Transistor, bipolar, 2N3904, SMD
Q1, Q2
Integrated Circuits
24
1
MP1011A, 20-pin TSSOP
Monolithic Power Systems
U2
Magnetics
25
1
Transformer
*
T1
Hardware
26
1
Fuse, 1A
F1
*Transformer Sources:
Company
Part #
Location
Contact Info
Toko
BLC103B
Saitama-Ken, Japan
http://www.toko.co.jp
+81-492-791611
Darfon Electronics Corp.
Contact Vendor
Taoyuan 333, Taiwan
+886-3-329-4141
FDK
CD-T-0836-520
Yamaguchi, Japan
http://www.fdk.co.jp
TMP
Contact Vendor
Taipei, Taiwan
+886-2-8667-2081


Similar Part No. - MP1011A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP101 CTS-MP101 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Micro Commercial Compon...
MP101 MCC-MP101 Datasheet
115Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
   10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
   Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results

Similar Description - MP1011A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3100-20B ETC2-BF3100-20B Datasheet
427Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF20218-24B ETC2-BF20218-24B Datasheet
128Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Eaton All Rights Reserv...
CCFL EATON-CCFL Datasheet
562Kb / 6P
   Cold cathode fluorescent lamp inverter transformers
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com