Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89855R Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89855R
Description  488-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89855R Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89855R Datasheet HTML 5Page - Fujitsu Component Limited. MB89855R Datasheet HTML 6Page - Fujitsu Component Limited. MB89855R Datasheet HTML 7Page - Fujitsu Component Limited. MB89855R Datasheet HTML 8Page - Fujitsu Component Limited. MB89855R Datasheet HTML 9Page - Fujitsu Component Limited. MB89855R Datasheet HTML 10Page - Fujitsu Component Limited. MB89855R Datasheet HTML 11Page - Fujitsu Component Limited. MB89855R Datasheet HTML 12Page - Fujitsu Component Limited. MB89855R Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MB89850R Series
9
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*2: FPT-64P-M06, FPT-64C-A02
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
QFP*2
22
15
P64/DTTI
H
General-purpose input port
Also serves as a dead-time timer disable input.
This port is a hysteresis input type.
DTTI input is with a noise canceller.
64
57
VCC
Power supply pin
32, 57
25, 50
VSS
Power supply (GND) pins
19
12
AVCC
A/D converter power supply pin
20
13
AVR
A/D converter reference voltage input pin
21
14
AVSS
A/D converter power supply (GND) pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89855R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89855R FUJITSU-MB89855R Datasheet
677Kb / 48P
   8-bit Proprietary Microcontroller
MB89855RP-SH FUJITSU-MB89855RP-SH Datasheet
677Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89855R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com