Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P945 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89P945
Description  8-bit Proprietary Microcontrolle
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P945 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89P945 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MB89940 Series
6
s PIN DESCRIPTION
(Continued)
*1: FPT-48P-M16
*2: MQP-48C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
5
5
X0
A
Pin for connecting the crystal resonator.
X0 and X1 can be directly connected to a crystal
oscillator.
When the oscillation clock is provided to X0
externally, X1 should be left open.
66
X1
48
48
MODE
B
The mode input is used for entering the MPU into the
test mode.
In user applications, MODE is connected to VSS.
22
RST
C
Applying a reset pulse to this pin forces the MPU to
enter the initial state. RST is active low and drives
low state when an internal reset occurs.
Reset pulses of the duration less than the minimum
pulse width may cause the MCU to enter undefined
states.
34 to 27
34 to 27
P00/SEG00 to
P07/SEG07
H
These pins have two functions.
Their functions can be switched between Port 0 and
LCD segment signal outputs by setting the internal
registers of the LCD controller.
26 to 20,
18
26 to 20,
18
P10/SEG08 to
P17/SEG15
J
These pins have two functions.
Their functions can be switched between Port 1 and
LCD segment signal outputs by setting the internal
registers of the LCD controller.
17
17
P20/SEG16
I
This pin can be used as the bit 0 of Port 2 or an LCD
segment signal output by setting the internal register
of the LCD controller.
16
16
P21/V0
F
This pin is the bit 1 of Port 2.
This pin can also be used for an external LCD bias
voltage input.
15
15
P22/EC/V1
F
This pin can be used as the bit 2 of Port 2 or the
external clock input for the interval timer.
This pin can also be used for an external LCD bias
voltage input.
14
14
P23/TO/V2
F
This pin can be used as the bit 3 of Port 2 or the
output for the interval timer.
Its function can be switched by setting the internal
register of the interval timer.
This pin can also be used for an external LCD bias
voltage input.
13
13
P24/V3
F
This pin can be used as the bit 4 of Port 2 or an
external LCD bias voltage input.
12, 11, 10
12, 11, 10
P25/INT0 to
P27/INT2
E
These pins are used for Port 2.
They can also be used for external interrupt inputs.
35
35
P30/FUELO
D
This pin can be used for the bit 0 of Port 3 or the
output from PWM3.
The function of this pin can be switched by setting
the internal register of PWM3.


Similar Part No. - MB89P945

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P945 FUJITSU-MB89P945 Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
MB89P945PF FUJITSU-MB89P945PF Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P945

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com