Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P945 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89P945
Description  8-bit Proprietary Microcontrolle
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P945 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89P945 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P945 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
DS07-12536-5E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89940 Series
MB89943/945/P945/PV940
s DESCRIPTION
The MB89940 series is specially designed for automotive instrumentation applications. It features a combination
of two PWM pulse generators and four high-drive-current outputs for controlling a stepping motor. It also contains
two analog inputs, two PWM pulse generators and 10-digit LCD controller/driver for various sensor/indicator
devices. The MB89940 series is manufactured with high performance CMOS technologies and packaged in a
48-pin QFP.
s FEATURES
• 8-bit core CPU: 4 MHz system clock (8 MHz external, 500 ns instruction cycle)
• 21-bit timebase timer
• Watchdog timer
• Clock generator/controller
• 16-bit interval timer
• Two PWM pulse generators with four high-drive-current outputs
• Two-channel 8-bit A/D converter
• Three external interrupt
• Low supply voltage reset
• External voltage monitor interrupt
• Two more PWM pulse generators for controlling indicator devices
• 4-common 17-segment LCD driver/controller
• Package: 48-pin plastic QFP, 48-pin ceramic MQFP
• 5.0 V single power supply (VPP required for MB89P945)
• On-chip voltage regulator for internal 3.0 V power supply (MB89943, MB89945)
s PACKAGES
48-pin Plastic QFP
(FPT-48P-M16)
48-pin Ceramic MQFP
(MQP-48C-P01)


Similar Part No. - MB89P945

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P945 FUJITSU-MB89P945 Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
MB89P945PF FUJITSU-MB89P945PF Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P945

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com