Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2920 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR2920
Description  Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR2920 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  MR2920 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR2920 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P.03
All Rights Reserved Copyright (C) SHINDENGEN ELECTRIC MANUFACTURING CO., LTD. 2002
Password Vol.02-06-e MR2000 Series
2-3
Equivalent Circuit and Appearance
3-1
Main Switching Device - High-speed IGBT (MR2900 Series)
The unique (patented) structure of the Shindengen high-speed IGBT provides both high-speed
switching and low saturation voltage in a single device, thus also permitting its use in switching
power supplies. This newly developed high-speed IGBT is positioned between the MOSFET and
the bipolar transistor (Fig.3).
Fig.4 shows a comparison of losses in the 900V resistant switching device in the worldwide
partial resonance power supply. The loss curve is comparatively flat in relation to the wide range
of input voltage, and as such the device is optimized for use with a variety of international input
voltages.
3
Features
Fig.3 Comparison of Switching Devices
Fig.1 Equivalent Circuit
Fig.2 Appearance
5
4
3
2
1
6
7
Q1
GND
Z/C
F/B
Vin
Vcc
Source/Emitter
Drain/Collector
IC1
MOSFET
High-speed
IGBT
IGBT
BJT
Device
Symbol
Drive
Voltage
Voltage
Voltage
Current
ON loss
Small
Small
Large
Large
Switching loss


Similar Part No. - MR2920

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
   Provision for Standby mode operation Partial Resonance Power Supply IC Module
More results

Similar Description - MR2920

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
   Provision for Standby mode operation Partial Resonance Power Supply IC Module
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
   (MR1xxx) IC module for partial resonance power
MR4040 SHINDENGEN-MR4040 Datasheet
1Mb / 43P
   Partial Resonance Power Supply ICModule
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
   PWM Power Supply IC with Low Standby Power
logo
List of Unclassifed Man...
BPS100 ETC1-BPS100 Datasheet
147Kb / 2P
   Standby Supply Module
BPS200 ETC1-BPS200 Datasheet
136Kb / 2P
   Standby Supply Module
logo
Panasonic Semiconductor
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
   AC-DC switching power supply control IC with standby mode
logo
Sanken electric
STR-W6200D SANKEN-STR-W6200D Datasheet
85Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000_11 Datasheet
132Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com