Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UF1A
Description  1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UF1A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 367 -
RATINGS AND CHARACTERISTIC CURVES (UF1A THRU UF1M)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
40
60
80
100
120
160
140
0
0.5
LEAD TEMPERATURE. ( C)
o
5
10
15
20
25
30
TJ=55 C
8.3ms Single Half Sine Wave
JEDEC Method
0
TJ=125 C
0
UF1A-UF1G
UF1J-UF1M
TJ=25 C
O
TJ=100 C
O
TJ=125
OC
TJ=100 C
O
0.1
1
10
100
UF1J-UF1M
UF1J-UF1M
1.8
2.0
5
1
0.1
0.01
1.0
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
20
Tj=25 C
o
PULSE WIDTH=300 s
1% DUTY CYCLE
10
200


Similar Part No. - UF1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1A CHONGQING-UF1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1A CHENG-YI-UF1A Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF1A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TBYV26C TSC-TBYV26C Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Rectifiers
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
GP10A TSC-GP10A Datasheet
75Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
First Components Intern...
HER101G FCI-HER101G Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
   1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com