Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89945PF Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89945PF
Description  8-bit Proprietary Microcontrolle
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89945PF Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89945PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 9Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 10Page - Fujitsu Component Limited. MB89945PF Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MB89940 Series
7
(Continued)
*1: FPT-48P-M16
*2: MQP-48C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
37
37
P31/TEMPO
G
This pin can be used for the bit 1 of Port 3 or the
output from PWM4.
The function of this pin can be switched by setting
the internal register of PWM4. This output has a high
drive-current capability.
38,
39
38,
39
P32/PWM1P,
P33/PWM1M
G
These pins are the pair of high-current driver outputs
for one of two motor coils.
They can be also used for the bits 2 and 3 of Port 3
by setting the internal register of the stepper motor
controller.
40,
41
40,
41
P34/PWM2P,
P35/PWM2M
G
These pins are the pair of high-current driver outputs
for one of two motor coils.
They can be also used for the bits 4 and 5 of Port 3
by setting the internal register of the stepper motor
controller.
44
44
P36/TEMPI
M
This analog input is connected to channel 1 of the
A/D converter.
It can also be used for the bit 6 of Port 3 when this
A/D input enable register bit is set to ‘0’.
45
45
P37/FUELI
M
This analog input is connected to channel 0 of the
A/D converter.
It can also be used for the bit 7 of Port 3 when this
A/D input enable register bit is set to ‘0’.
46
46
P40/PW
L
This pin has two functions.
When this pin is used as an open-drain output of
Port 4, the external voltage monitor reset should be
in the power down mode.
When it is used as the PW input of external voltage
monitor reset, the corresponding bit of the port data
register should be set to ‘1’.
3, 4
8, 9
3, 4
8, 9
P41/COM0 to
P44/COM3
K
These pins are the LCD common signal outputs.
When LCD is not used, these pins can be also used
for Port 4.
47
47
VINT
An external capacitor should be connected to this
pin for stabilizing the internal 3.0 V power supply.
For MB89PV940 and MB89P945, this pin should be
left open.
77
VCC
—VCC
19
19
VSS
—VSS
11
AVCC
The power supply pin for the analog circuit
The same voltage should be applied as VCC.
43
43
AVSS
The power supply pin for the analog circuit
The same voltage should be applied as VSS.
36
36
DVCC
The dedicated power supply pin for the high-current
driver output
The same voltage should be applied as VCC.
42
42
DVSS
The dedicated power supply pin for the high-current
driver output
The same voltage should be applied as VSS.


Similar Part No. - MB89945PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89943 FUJITSU-MB89943 Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
MB89943PF FUJITSU-MB89943PF Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
MB8994X FUJITSU-MB8994X Datasheet
562Kb / 40P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89945PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com