Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZS10B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UDZS10B
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UDZS10B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UDZS10B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UDZS10B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UDZS10B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 785 -
RATINGS AND CHARACTERISTIC CURVES (UDZS SERIES)
FIG.3- COEFFICIENT CHARACTERISTICS
0
ZENER VOLTAGE - TEMP. (V)
FIG.2- DERATING CURVE
25
50
75
100
150
125
0
300
250
200
150
100
50
0
AMBIENT TEMPERATURE. ( C)
o
0.10
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
10
20
30
40
FIG.1-ZENER VOLTAGE CHARACTERISTICS
100m
10m
1m
100
10
1
100n
10n
16
15
18
20
22
24
27
30
33
36
10
11
12 13
3.6
3.9
4.3
4.7
5.1 5.6
6.2
6.8
7.5 8.2 9.1
05
15
10
25
20
35
30
40
ZENER VOLTAGE, Vz (V)
Iz=5mA
Iz = 500 A


Similar Part No. - UDZS10B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS10B ROHM-UDZS10B Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
UDZS10B ROHM-UDZS10B Datasheet
158Kb / 5P
   Zener diode
UDZS10B ROHM-UDZS10B Datasheet
133Kb / 5P
   Zener diode
UDZS10B ROHM-UDZS10B Datasheet
159Kb / 5P
   Zener diode
UDZS10B ROHM-UDZS10B Datasheet
158Kb / 5P
   Zener diode
More results

Similar Description - UDZS10B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com