Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89W665C-SH Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB89W665C-SH
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89W665C-SH Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB89W665C-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
MB89660R Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the OTPROM (one-time PROM) product (also used for evaluation), verify its differences
from the product that will actually be used: Take particular care on the following points:
• On the MB89663R, register bank from 16 to 32 cannot be used.
• On the MB89P665, address BFF0H to BFF6H comprise the option setting area, option settings can be read by
reading these addresses.
• The stack area, etc., is used.
2. Current Consumption
• When operated at low speed, the product with an OTPROM or an EPROM will consume more current than
the product with a mask ROM.
• However, the same is the current comsumption in sleep/stop modes. (For more information, see sections “s
Electrical Characteristics” and “s Example Characteristics.”
3. Mask Options
Functions that can be selected as options and how to designate these options vary with product.
Before using options, check section “s Mask Options.”
Take particular care on the following points:
• On the MB89P665, a pull-up resistor must be selected in a group of four pins for P54 to P57.
• For all products, P50 to P57 must be set for no pull-up resistor optional when an A/D converter is used.
4. Differences between the MB89660 and MB89660R Series
• Memory access area
Memory access area of both the MB89660R and MB89660 series is the same.
• Other Specifications
For MB89660R series, input level at P00 to P07 and P10 to P17 is fixed when the hardware is standing-by.
And for MB89660 series, input level at P00 to P07 and P10 to P17 is not fixed. Therefore, when the medium
voltage is input there such as input open, the standby current will increase.
• Electrical specifications/electrical characteristics
There are differences at pull down resistances of MOD0 and MOD1 between MB89660R series and MB89660
series. For more information, see “3. DC characteristics” in section “s Electrical Characteristics”.
Electrical specification of the other items of MB89660R series and MB89660 series are equivalent.
However, it is possible that the valid characteristic will be modified. See the corresponding characteristic
respectively for detail.


Similar Part No. - MB89W665C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89W665C-SH FUJITSU-MB89W665C-SH Datasheet
652Kb / 48P
   8-bit Proprietary Microcontroller
MB89W665C-SH FUJITSU-MB89W665C-SH Datasheet
649Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89W665C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com