Electronic Components Datasheet Search
Selected language     English  ā–¼


W01 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. W01
Description  Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

   
 2 page
background image
- 663 -
RATINGS AND CHARACTERISTIC CURVES (W005 THRU W10)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
2
5
10
20
100
50
0
10
40
30
20
50
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
20
10
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AMBIENT TEMPERATURE. ( C)
o




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W005M_1Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601_1Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801_1Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001_1Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP201Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl