Selected language     English  ▼


W01 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. W01
Description  Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

   
 1 page
background image
- 662 -
W005 THRU W10
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
UL Recognized File # E-96005
Surge overload ratings to 40 amperes
peak
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Mechanical Data
Case: Molded plastic
Lead: solder plated
Polarity: As marked
Weight: 1.07 grams
RB-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol W005 W01 W02 W04 W06 W08 W10 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
40
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJA
R
θJL
36
13
℃/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.
With 0.4 x 0.4” (10 x 10mm) Copper Pads.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W005M_1Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601_1Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801_1Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001_1Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP201Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl