Selected language     English  ▼


W005 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. W005
Description  Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

   
 1 page
background image
Dimensions in inches and (millimeters)
Version: A06
W005 - W10
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
RB-15
Features
UL Recognized File # E-96005
Surge overload ratings to 40 amperes peak
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260 oC / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Mechanical Data
Case: Molded plastic
Lead: solder plated
Polarity: As marked
Weight: 1.07 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol W005 W01 W02 W04 W06 W08 W10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
40
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
RθJA
RθJL
36
13
oC/W
Operating Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.
With 0.4” x 0.4” (10mm x 10mm) Copper Pads.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W005Single Phase 1.5 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU401_1Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W005MSingle Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W005M_1Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU601_1Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU801_1Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001Single Phase 10 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl