Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7150F3P Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TISP7150F3P
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7150F3P Datasheet(HTML) 3 Page - Power Innovations Ltd

  TISP7150F3P Datasheet HTML 1Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 2Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 3Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 4Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 5Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 6Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 7Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 8Page - Power Innovations Ltd TISP7150F3P Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
MARCH 1994 - REVISED MARCH 2000
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
electrical characteristics for all terminal pairs, TA = 25 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRM
Repetitive peak off-
state current
VD =VDRM,0 °C <TA < 70 °C
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms,
RSOURCE =300 Ω
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±125
±150
±180
±240
±260
±290
±320
±350
±380
V
V(BO)
Impulse breakover
voltage
dv/dt
≤ ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±143
±168
±198
±269
±289
±319
±349
±379
±409
V
I(BO)
Breakover current
dv/dt = ±250 V/ms,
RSOURCE =300 Ω
±0.1
±0.8
A
VT
On-state voltage
IT =±5 A,tW =100 µs
±5
V
IH
Holding current
IT = ±5 A, di/dt = +/-30 mA/ms
±0.15
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5
kV/µs
ID
Off-state current
VD =±50 V
±10
µA
Coff
Off-state capacitance
f= 1 MHz,
Vd =1V rms, VD =0
f= 1 MHz,
Vd =1V rms, VD =-1V
f= 1 MHz,
Vd =1V rms, VD =-2V
f= 1 MHz,
Vd =1V rms, VD =-5V
f= 1 MHz,
Vd =1V rms, VD =-50 V
f= 1 MHz,
Vd =1V rms, VD =-100V
f= 1 MHz,
Vd =1V rms, VDTR =0
(see Note 4)
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
37
31
40
34
36
30
31
24
17
13
14
10
20
17
48
41
52
44
47
39
40
31
23
17
18
13
27
23
pF
NOTE
4: Three-terminal guarded measurement, unmeasured terminal voltage bias is zero. First six capacitance values, with bias VD,are
for the R-G and T-G terminals only. The last capacitance value, with bias VDTR, is for the T-R terminals.


Similar Part No. - TISP7150F3P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7150F3D BOURNS-TISP7150F3D Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7150F3D-S BOURNS-TISP7150F3D-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7150F3DR BOURNS-TISP7150F3DR Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7150F3DR-S BOURNS-TISP7150F3DR-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7150F3SL BOURNS-TISP7150F3SL Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7150F3P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com