Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P475-102PFM Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89P475-102PFM
Description  8-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P475-102PFM Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89P475-102PFM Datasheet HTML 4Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 5Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 6Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 7Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 8Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 9Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 10Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 11Page - Fujitsu Component Limited. MB89P475-102PFM Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
MB89470 Series
8
s PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
Function
LQFP/QFP/
MQFP*2
SDIP*1
17
47
X0
A
Connection pins for a crystal or other oscillator.
An external clock can be connected to X0. In this case, leave X1
open.
18
48
X1
16
46
MODE
B
Input pins for setting the memory access mode.
Connect directly to VSS.
14
44
RST
C
Reset I/O pin. The pin is a N-ch open-drain type with pull-up resistor
and a hysteresis input. The pin outputs an “L” level when an internal
reset request is present. Inputting an “L” level initializes internal cir-
cuits.
38 to 31
20 to 13
P00/AN0 to
P07/AN7
D
General-purpose I/O port.
The pins are shared with the analog inputs for the A/D converter.
30 to 27
12 to 9
P10/INT10
to
P13/INT13
E
General-purpose I/O port.
A hysteresis input for INT10 to INT13.
The pin is shared with an external interrupt 1 input.
26
8
P14/EC1
E
General-purpose I/O port.
A hysteresis input for EC1.
The pin is shared with the 8/16 bit timer 1 input.
25
7
P15/TO1
F
General-purpose I/O port.
The pin is shared with the output of 8/16-bit timer 1.
24
6
P16/EC2
E
General-purpose I/O port.
A hysteresis input for EC2.
The pin is shared with the 8/16 bit timer 2 input.
23
5
P17/TO2
F
General-purpose I/O port.
The pin is shared with the output of 8/16-bit timer 2.
13
43
P20/SCK1
E
General-purpose I/O port.
A hysteresis input for SCK1.
The pin is shared with the clock I/O of UART/SIO 1.
12
42
P21/SO1
F
General-purpose I/O port.
The pin is shared with the serial data output of UART/SIO 1.
11
41
P22/SI1
E
General-purpose I/O port.
A hysteresis input for SI1.
The pin is shared with the serial data input of UART/SIO 1.
10
40
P23/PWC
E
General-purpose I/O port.
A hysteresis input for PWC.
This pin is shared with PWC input.
939
P24/PWM
F
General-purpose input port.
This pin is shared with PWM output.
8
38
P25/SI2
E
General-purpose I/O port.
A hysteresis input for SI2.
The pin is shared with the serial data input of UART/SIO 2.


Similar Part No. - MB89P475-102PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P475-102PFM FUJITSU-MB89P475-102PFM Datasheet
315Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P475-102PFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com