Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P475-202PFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89P475-202PFV
Description  8-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P475-202PFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89P475-202PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89P475-202PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MB89470 Series
4
(Continued)
* : tinst is one instruction cycle (execution time) , which can be selected as 1/4, 1/8, 1/16, or 1/64 of main clock.
s PACKAGE AND CORRESPONDING PRODUCTS
O : Available
X : Not available
s DIFFERENCES AMONG PRODUCTS
1.
Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following point :
• The stack area, etc., is set at the upper limit of the RAM.
2.
Current Consumption
• For the MB89PV470, add the current consumed by the EPROM mounted in the piggy-back socket.
• When operating at low speed, the current consumed by the one-time PROM product is greater than that for
the mask ROM product. However, the current consumption are roughly the same in sleep or stop mode.
• For more information, see “s ELECTRICAL CHARACTERISTICS”.
3.
Oscillation stabilization time after power-on reset
• For MB89PV470, there is no power-on stabilization time after power-on reset.
• For MB89P475, there is power-on stabilization time after power-on reset.
• For MB89475, the power-on stabilization time can be select.
• For more information, refer to “s MASK OPTIONS”.
Part number
Parameter
MB89475
MB89P475
MB89PV470
A/D converter
10-bit resolution
× 8 channels
A/D conversion function (conversion time : 60 tinst*)
Supports repeated activation by internal clock.
UART/SIO
Synchronous/asynchronous data transfer capable
(Max baud rate : 78.125 Kbps at 10 MHz)
(7 and 8 bits with parity bit ; 8 and 9 bits without parity bit)
Buzzer output
7 frequency types (FCH/212, FCH/211, FCH/210, FCH/29, FCL/25, FCL/24, FCL/23) are selectable by
software.
Standby mode
Sleep mode, stop mode, subclock mode (dual clock product) and watch mode (dual clock
product)
Process
CMOS
Operating Voltage
2.2 V to 5.5 V
3.5 V to 5.5 V
2.7 V to 5.5 V
Part number
Package
MB89475
MB89P475
MB89PV470
DIP-48P-M01
O
O
X
FPT-48P-M05
O
O
X
FPT-48P-M13
O
O
X
MQP-48C-P01
X
X
O


Similar Part No. - MB89P475-202PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P475-202PFV FUJITSU-MB89P475-202PFV Datasheet
315Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P475-202PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com