Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSIC306WSB Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC306WSB
Description  High Precision Temperature Sensor IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC306WSB Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC306WSB Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC306WSB Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.zmd.biz
TSicApplications
TSicOrdering Code
Example:
TSic 506 FST
Output Type
1... analog voltage 0 to +1V
6... 11bit digital serial interface
Accuracy Code
(as shown in table on front side)
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747
USA
Tel +1.631.549.2666
Fax +1.631.549.2882
sales@zmda.com
Application Fields
Application Examples
TSic Recommendations
Industrial process control
liquid- and gas monitoring
TSic 20X, 30X, 506
IT
processor chip and hard disk monitoring
TSic 106, 206
Consumer products
cellphones, PDAs, table weather stations
TSic 106, 206
White goods
refrigerators, washing machines, dish washers
TSic 10X, 20X, 30X
Food logistics
dataloggers, T-probes
TSic 10X, 20X, 30X
HVAC
thermostats
TSic 10X, 20X
Medical instrumentation
thermometers, respirators, incubators
TSic 306, 506
Automotive
climate control, engine control
TSic 10X, 20X
Copyright © 2006, ZMD AG, Rev. 0.3
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the
copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
TSicLABkit
• Provides fast TSic™ evaluation and demonstration
• PC-connectable via USB
• Contains USB module, 4 wired TSic™ devices,
CD-ROM with software & documentation, USB cable
• Drives up to 4 TSic™ devices in parallel
• Displays actual temperatures, minima, maxima, averages
• Including TSic™ Recording Software for Microsoft Excel™
Delivery Form
T … Tube (only for SOP8)
B … Bulk (only for TO92 and COF)
On request
U… Unsawn wafer (only for TSic 10X, 20X)
Operating Temperature Range
W ... wide (-50 to +150 °C)
F ... focused (-10 to +60 °C)
SOP8
TO92
COF
Sales Offices
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822-366
Fax +49.351.8822-337
sales@zmd.de
Application Support
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822-916
Fax +49.351.8822-606
TSic@zmd.de
Not all possible ordering code combinations are available.
Please ask ZMD Sales for availability.
Package Type
S … SOP8
T … TO92
C … COF
D … Bare die
ZMD Far East
1F, No. 14, Lane 268,
Sec. 1 Guangfu Rd.
HsinChu City 300
Taiwan
Tel +886.3.563.1388
Fax +886.3.563.6385
sales@zmd.de
The information furnished hereby is believed to be correct and accurate. However, ZMD shall not be liable to any customer, licensee or any other third party for any
damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licensee or any other
third party shall result from ZMD’s rendering of technical or other services.
For the latest revision of this document and for more information about this and other ZMD products please go to www.zmd.biz.


Similar Part No. - TSIC306WSB

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
   Rapid Response, Low-Cost Temperature Sensor IC
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
   Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
   Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
   High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
More results

Similar Description - TSIC306WSB

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-506 ZMD-TSIC-506 Datasheet
455Kb / 2P
   High Resolution, High Precision, Rapid Response Temperature Sensor IC
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Nippon Precision Circui...
SM6611 NPC-SM6611 Datasheet
62Kb / 4P
   Miniature High-Precision Temperature Switch IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com