Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95FV100D-101 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB95FV100D-101
Description  8-bit Proprietary Microcontrollers
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95FV100D-101 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB95FV100D-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 9Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 10Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 11Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 12Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 13Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MB95110B Series
10
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
Circuit
type*3
Function
LQFP*1
LQFP*2
1
1
P65/SCK
K
General-purpose I/O port.
The pin is shared with LIN-UART clock I/O.
2
2
P66/SOT
General-purpose I/O port.
The pin is shared with LIN-UART data output.
33
P67/SIN
L
General-purpose I/O port.
The pin is shared with LIN-UART data input.
4
4
P37/AN07
J
General-purpose I/O port.
The pins are shared with A/D converter analog input.
5
5
P36/AN06
6
6
P35/AN05
7
8
P34/AN04
8
9
P33/AN03
910
P32/AN02
10
11
P31/AN01
11
12
P30/AN00
12
13
AVss
A/D converter power supply pin (GND)
13
14
AVcc
A/D converter power supply pin
14
15
P24/EC0
H
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 clock input.
15
16
P23/TO01
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch.0 output.
16
17
P22/TO00
17
18
P21/PPG01
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch.0 output.
18
19
P20/PPG00
19
21
P51/SDA0
I
General-purpose I/O port.
The pin is shared with I2C ch.0 data I/O.
20
22
P50/SCL0
General-purpose I/O port.
The pin is shared with I2C ch.0 clock I/O.
21
23
MOD
B
Operating mode designation pin
22
24
X0
A
Main clock input oscillation pin
23
25
X1
Main clock input/output oscillation pin
24
26
Vss
Power supply pin (GND)
25
27
Vcc
Power supply pin
26
28
PG0
H
General-purpose I/O port.


Similar Part No. - MB95FV100D-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
549Kb / 59P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
439Kb / 68P
   8-bit Microcontroller
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
549Kb / 59P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95FV100D-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com