Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F108BS Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB95F108BS
Description  8-bit Proprietary Microcontrollers
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F108BS Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB95F108BS Datasheet HTML 4Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 5Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 6Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 7Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 8Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 9Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 10Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 11Page - Fujitsu Component Limited. MB95F108BS Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
MB95100B Series
8
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
type*
Function
1AVCC
A/D converter power supply pin
2
AVR
A/D converter reference input pin
3PE3/INT13
P
General-purpose I/O port
The pins are shared with the external interrupt input.
4PE2/INT12
5PE1/INT11
6PE0/INT10
7P83
O
General-purpose I/O port
8P82
9P81
10
P80
11
P71/TI0
H
General-purpose I/O port.
The pin is shared with 16 - bit reload timer ch.0 input.
12
P70/TO0
General-purpose I/O port.
The pin is shared with 16 - bit reload timer ch.0 output.
13
MOD
B
An operating mode designation pin
14
X0
A
Main clock input oscillation pin
15
X1
Main clock input/output oscillation pin
16
VSS
Power supply pin (GND)
17
VCC
Power supply pin
18
PG0
H
General-purpose I/O port.
19
PG2/X1A
H/A
Single-system product is general-purpose port (PG2).
Dual-system product is sub clock input/output oscillation pin (32 kHz).
20
PG1/X0A
Single-system product is general-purpose port (PG1).
Dual-system product is sub clock input oscillation pin (32 kHz).
21
RST
B’
Reset pin
22
P00/INT00
C
General-purpose I/O port.
The pins are shared with external interrupt input. Large current port.
23
P01/INT01
24
P02/INT02
25
P03/INT03
26
P04/INT04
27
P05/INT05
28
P06/INT06
29
P07/INT07
30
P10/UI0
G
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data input.


Similar Part No. - MB95F108BS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F108AJS FUJITSU-MB95F108AJS Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJSPFM FUJITSU-MB95F108AJSPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJSPFV FUJITSU-MB95F108AJSPFV Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJW FUJITSU-MB95F108AJW Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJWPFM FUJITSU-MB95F108AJWPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F108BS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com