Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89183LPFV Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89183LPFV
Description  8-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89183LPFV Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89183LPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89183LPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MB89180L Series
3
s PRODUCT LINEUP
(Continued)
Part number
Parameter
MB89183L
MB89185L
MB89P185
MB89PV180
Classification
Mass production products
(mask ROM products)
One-time PROM
product
Piggyback/evaluation
product
(for development)
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal PROM,
programming with
general-purpose
EPROM programmer)
32 K
× 8 bits
(external ROM)
RAM size
256
× 8 bits
512
× 8 bits
CPU functions
Number of instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 byte to 3 bytes
Data bit length
: 1, 8,16 bits
Minimum execution time
: 0.95
µs/4.2 MHz
Interrupt processing time
: 8.6
µs to 137.1µs /4.2 MHz
Ports
I/O port (N-ch open-drain)
: 8 (6 ports also serve as peripherals, 3 ports
are a heavy-current drive type.)
Output ports (N-ch open-drain) : 18 (16 ports also serve as segment pins*2,
2 ports also serve as common pins.)
I/O ports (CMOS)
: 16 (12 ports also serve as an external interrupt,
8 ports also serve as segment pins.)
Output ports (CMOS)
: 1 (Also serve as peripherals)
Total
: 43 (Max)
Timer/counter
8-bit timer operation (toggled output capable, operating clock cycle 1.9
µs to 487.6 µs)
16-bit timer operation (toggled output capable, operating clock cycle 1.9
µs to 487.6 µs)
Serial I/O
8 bits
LSB first/MSB first selectability
One clock selectable from four operation clocks
(one external shift clock, three internal shift clocks: 1.9
µs, 7.6 µs, 30.5 µs)
LCD controller/
driver
Common output
: 4 (Max)
Segment output
: 32 (Max) *2
Bias power supply pins : 3
LCD display RAM size : 32
× 4 bits
Dividing resistor for LCD driving:Built-in (an external resistor selectability)


Similar Part No. - MB89183LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89183 FUJITSU-MB89183 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89183 FUJITSU-MB89183 Datasheet
317Kb / 50P
   8-bit Proprietary Microcontroller
MB89183FM FUJITSU-MB89183FM Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89183FM FUJITSU-MB89183FM Datasheet
317Kb / 50P
   8-bit Proprietary Microcontroller
MB89183PF FUJITSU-MB89183PF Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89183LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com