Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95116BPMC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95116BPMC
Description  8-bit Proprietary Microcontrollers
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95116BPMC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95116BPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB95116BPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
MB95110B Series
5
■ SELECT OF OSCILLATION STABILIZATION WAIT TIME (MASK ROM PRODUCT ONLY)
For the MASK ROM product, you can set the mask option when ordering MASK ROM to select the initial value
of main clock oscillation stabilization wait time from among the following four values.
Note that the evaluation and Flash memory products are fixed their initial value of main clock oscillation
stabilization wait time at the maximum value.
■ PACKAGES AND CORRESPONDING PRODUCTS
: Available
: Unavailable
*
: Under development
Selection of oscillation stabilization wait time
Remarks
(22
− 2) /FCH
0.5
µs (at main oscillation clock 4 MHz)
(212
− 2) /FCH
Approx. 1.02 ms (at main oscillation clock 4 MHz)
(213
− 2) /FCH
Approx. 2.05 ms (at main oscillation clock 4 MHz)
(214
− 2) /FCH
Approx. 4.10 ms (at main oscillation clock 4 MHz)
Part number
Package
MB95116B
MB95F118BS/F118BW
MB95FV100D-101
LCC-48P-M09
FPT-48P-M26
FPT-52P-M01
*
BGA-224P-M08


Similar Part No. - MB95116BPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95116BPMC FUJITSU-MB95116BPMC Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95116BPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com