Electronic Components Datasheet Search |
|
MB95F126JBPMC Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB95F126JBPMC Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 80 page MB95120MB Series 11 (Continued) Pin no. Pin name I/O circuit type*3 Function LQFP *1 QFP *2 26 29 AVSS ⎯ A/D converter power supply pin (GND) 27 30 P30/AN00 J General-purpose I/O port The pins are shared with A/D converter analog input. 28 31 P31/AN01 29 32 P32/AN02 30 33 P33/AN03 31 34 P34/AN04 32 35 P35/AN05 33 36 P36/AN06 34 37 P37/AN07 35 38 P40/AN08 J General-purpose I/O port The pins are shared with A/D converter analog input. 36 39 P41/AN09 37 40 P42/AN10 38 41 P43/AN11 39 42 P53/TRG1 H General-purpose I/O port The pin is shared with 16-bit PPG ch.1 trigger input. 40 43 P70/TO0 H General-purpose I/O port The pin is shared with 16-bit reload timer ch.0 output. 41 44 P71/TI0 General-purpose I/O port The pin is shared with 16-bit reload timer ch.0 input. 42 45 P67/SEG39/ SIN N General-purpose I/O port The pin is shared with LCDC SEG output (SEG39) and LIN- UART data input (SIN) . 43 46 P66/SEG38/ SOT M General-purpose I/O port The pin is shared with LCDC SEG output (SEG38) and LIN- UART data output (SOT) . 44 47 P65/SEG37/ SCK General-purpose I/O port The pin is shared with LCDC SEG output (SEG37) and LIN- UART clock I/O (SCK) . 45 48 P64/SEG36/ EC1 General-purpose I/O port The pin is shared with LCDC SEG output (SEG36) and 8/16-bit compound timer ch.1 clock input (EC1) . 46 49 P63/SEG35/ TO11 General-purpose I/O port The pins are shared with LCDC SEG output (SEG34, SEG35) and 8/16-bit compound timer ch.1 output (TO10, TO11) . 47 50 P62/SEG34/ TO10 48 51 RST B' Reset pin 49 52 X0A A Sub clock oscillation pin (32 kHz) 50 53 X1A 51 54 VSS ⎯ Power supply pin (GND) |
Similar Part No. - MB95F126JBPMC |
|
Similar Description - MB95F126JBPMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |