Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95FV100D-101PBT Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB95FV100D-101PBT
Description  8-bit Proprietary Microcontrollers
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95FV100D-101PBT Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB95FV100D-101PBT Datasheet HTML 1Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 2Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 3Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 4Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 5Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 6Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 7Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 8Page - Fujitsu Component Limited. MB95FV100D-101PBT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
MB95110B Series
3
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB95116B
MB95F118BS
MB95F118BW
Type
MASK ROM product
Flash memory product
ROM capacity
32 Kbytes
60 Kbytes
RAM capacity
1 Kbyte
2 Kbytes
Reset output
No
Clock system
Selectable
single/dual clock*2
Single clock
Dual clock
Low voltage
detection reset
No
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time : 61.5 ns (at machine clock frequency 16.25MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
General-purpose I/O
port
• Single clock product : 39 ports (N-ch open drain : 2 ports, CMOS : 37 ports)
• Dual clock product : 37 ports (N-ch open drain : 2 ports, CMOS : 35 ports)
Time-base timer
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog timer
Reset generated cycle
At main oscillation clock 10 MHz
: Minimum 105 ms
At sub oscillation clock 32.768 kHz (for dual clock product) : Minimum 250 ms
Wild register
Capable of replacing 3 bytes of ROM data
I2C
Master/slave sending and receiving
Bus error function and arbitration function
Detecting transmitting direction function
Start condition repeated generation and detection functions
Built-in wake-up function
UART/SIO
Data transfer capable in UART/SIO
Full duplex double buffer, variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable.
LIN-UART
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable.
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(8 channels)
8-bit or 10-bit resolution can be selected.


Similar Part No. - MB95FV100D-101PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
549Kb / 59P
   8-bit Proprietary Microcontrollers
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
439Kb / 68P
   8-bit Microcontroller
More results

Similar Description - MB95FV100D-101PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com