Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F126JBPF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95F126JBPF
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F126JBPF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95F126JBPF Datasheet HTML 1Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 2Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 3Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 4Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 5Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 6Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 7Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 8Page - Fujitsu Component Limited. MB95F126JBPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MB95120MB Series
4
■ PRODUCT LINEUP
(Continued)
MB95128MB
MB95F124MB
MB95F126MB
MB95F128MB
MB95F124NB
MB95F126NB
MB95F128NB
MB95F124JB
MB95F126JB
MB95F128JB
Type
MASK ROM
product
Flash memory product
ROM capacity*1
60 Kbytes (Max)
RAM capacity*1
2 Kbytes (Max)
Reset output
Yes/No
Yes
No
Clock system
Dual clock
Low voltage
detection reset
Yes/No
No
Yes
Clock supervisor
Yes/No
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time : 61.5 ns (at machine clock frequency 16.25 MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
Ports (Max 87 ports)
General-purpose I/O port (N-ch open drain)
: 2 ports
General-purpose I/O port (CMOS)
: 85 ports
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Timebase timer
(1 channel)
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz
: Min 250 ms
Wild register
Capable of replacing 3 bytes of ROM data
I2C
(1 channel)
Master/slave sending and receiving
Bus error function and arbitration function
Detecting transmitting direction function
Start condition repeated generation and detection functions
Built-in wake-up function
UART/SIO
(1 channel)
Data transfer capable in UART/SIO
Full duplex double buffer
Variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN-UART
(1 channel)
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(12 channels)
8-bit or 10-bit resolution can be selected.
Parameter
Part number


Similar Part No. - MB95F126JBPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F126JB FUJITSU-MB95F126JB Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95F126JBPF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com