Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90370 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90370
Description  16-bit Proprietary Microcontroller
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90370 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90370 Datasheet HTML 1Page - Fujitsu Component Limited. MB90370 Datasheet HTML 2Page - Fujitsu Component Limited. MB90370 Datasheet HTML 3Page - Fujitsu Component Limited. MB90370 Datasheet HTML 4Page - Fujitsu Component Limited. MB90370 Datasheet HTML 5Page - Fujitsu Component Limited. MB90370 Datasheet HTML 6Page - Fujitsu Component Limited. MB90370 Datasheet HTML 7Page - Fujitsu Component Limited. MB90370 Datasheet HTML 8Page - Fujitsu Component Limited. MB90370 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
MB90370/375 Series
4
(Continued)
*1 : Varies with conditions such as the operating frequency (see Section “s ELECTRICAL CHARACTERISTICS”) ,
Assurance for the MB90V370 is given only for operation with a tool at power supply voltage of 3.0 V to 3.6 V,
an operating temperature of 0
°C to +25 °C, and an operating frequency of 1 MHz to 16 MHz.
*2 : I2C can detect the arbitration lost when another I2C starts another communication at the same time.
*3 : After reset, PF5 to PF7 serve as general purpose I/O pins in MB90F377; however, these pins serve as V1, V2
and V3 function in other products.
Part number
Parameter
MB90V370
MB90F372
MB90F377
MB90372
Multi-address I2C
Multi-address I2C (SMbus compliant) : 1 channel
Support I2C bus of Philips and the SMbus proposed by Intel
Selectable packet error check
Timeout detection function
6 addresses support
ALERT function
Bridge circuit
Three bus connection routes can be switched by I2C
/ multi-address I2C
Comparator
A comparator that can change the hysteresis width is contained
Battery voltage, mounting/dismounting and instantaneous interruption can be de-
tected
Parallel and serial charging/discharging
External
interrupt
6 independent channels
Selectable causes : Rise/fall edge, fall edge, “L” level or “H” level
Key-on wake-up
interrupt
8 independent channels
Causes : “L” level
8/10-bit A/D
converter
8/10-bit resolution : 12 channels
Conversion time : Less than 6.13
µs (16 MHz internal clock)
8-bit D/A
converter
8-bit resolution : 2 channels
LCD controller/driver*3
Up to 9 SEG
× 4 COM
Selectable LCD output or CMOS I/O port
Without LCD
controller/driver
Same as
MB90F372
Low-power
consumption
Stop mode
/ Sleep mode / CPU intermittent operation mode / Watch mode
Process
CMOS
Package
PGA256
LQFP-144 (FPT-144P-M12 : 0.4 mm pitch)
Operating voltage
3.0 V to 3.6 V @ 16 MHz *1


Similar Part No. - MB90370

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90372 FUJITSU-MB90372 Datasheet
1Mb / 153P
   16-bit Proprietary Microcontroller
MB90372PMT-G-XXX FUJITSU-MB90372PMT-G-XXX Datasheet
1Mb / 153P
   16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378_05 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
More results

Similar Description - MB90370

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com